Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 100 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 96Page - STMicroelectronics L9788 Datasheet HTML 97Page - STMicroelectronics L9788 Datasheet HTML 98Page - STMicroelectronics L9788 Datasheet HTML 99Page - STMicroelectronics L9788 Datasheet HTML 100Page - STMicroelectronics L9788 Datasheet HTML 101Page - STMicroelectronics L9788 Datasheet HTML 102Page - STMicroelectronics L9788 Datasheet HTML 103Page - STMicroelectronics L9788 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 264 page
background image
Low-side drivers
L9788
100/264
DS12308 Rev 4
7.5
Low-side driver - RELAY RLY [1:5]
These 5 LowSide drivers are optimized for relay or generic low current loads driving. They
are driven by MSC command. The Output voltage is clamped to voltage limit by internal
clamp circuit.
Each relay driver is separately put in on or off state by the MSC CONFIG-REG 14 [0:4] just
for the time required to perform on or off diagnosis (Fast Diagnosis). At the end of the
diagnosis it is automatically put in the state determined by the current value of MSC data
frame.
The micro command is activated by writing 1 from 0 in the MSC registers (both for ON and
OFF).
Figure 38. Relay LowSide driver stage
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified; the RLY4 can be
associated to DELAY_OFF function if the MSC CONFIG_REG_3 [0] = RLY4_DLY_OFF_EN
is set. In this case the RLY4 is configured as starter and can work down to VB_IN = 3.1 V for
THOLD.
GADG0212161126PS
PGND
OUTx
RELAY DRIVER
Relay
MSC Command
OFF state
OL & STG detection
Driver
ON state
OC & OT protection
VBAT
Chip en
Table 48. Low-side driver - RELAY electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Relay
LS_RdsON
Low-side RdsON
Tj = 150 °C, ILOAD = 1 A
-
-
1.5
Ω
RLY/1/2/3/4/5
LS_RdsON
Low-side RdsON
Tj = 25 °C, ILOAD = 1 A
-
-
0.82
Ω
RLY/1/2/3/4/5
LS_RdsON
Low-side RdsON
Tj = 40 °C, ILOAD = 1 A
-
-
0.63
Ω
RLY/1/2/3/4/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com