Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 104 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 100Page - STMicroelectronics L9788 Datasheet HTML 101Page - STMicroelectronics L9788 Datasheet HTML 102Page - STMicroelectronics L9788 Datasheet HTML 103Page - STMicroelectronics L9788 Datasheet HTML 104Page - STMicroelectronics L9788 Datasheet HTML 105Page - STMicroelectronics L9788 Datasheet HTML 106Page - STMicroelectronics L9788 Datasheet HTML 107Page - STMicroelectronics L9788 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 264 page
background image
Low-side drivers
L9788
104/264
DS12308 Rev 4
7.6
Low-side driver - LED[1:2]
These 2 LowSide drivers are designed to drive LED Load. They are driven by MSC
command. The Output voltage is clamped to voltage limit by internal clamp circuit.
The pull down diagnostic current of LED driver is configurable by MSC (LEDx_PD_EN
CONFIG_REG1 D3;D4). Overcurrent and Short to Ground diagnostic function are available,
open load diagnostic function is not available when pull down diagnostic current is disabled.
Figure 39. LED LowSide driver stage
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified;
PGND
OUTx
LED DRIVER
LOAD
MSC Command
OFF state
OL & STG detection
Driver
ON state
OC & OT protection
Safety BIST control
VBAT
L/R
GADG0212161301PS
Table 49. Low-side driver - LED electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
LED
LS_RdsON
Low-side
RdsON
Tj = 150 °C, ILOAD = 70 mA
10
14
20
Ω
LED1/2
Tj = 25 °C, ILOAD = 70 mA
6
8
12
Ω
LED1/2
Tj = -40 °C, ILOAD = 70 mA
4.9
6
9
Ω
LED1/2
OUTx_lkg
Output leakage
current
Output disabled, diagnostic
off
-10
-
+10
µA
LED1/2
Irev_OUTx
Body diode
reverse current
voltage drop
ILOAD = -50 mA
-
-
2
V
LED1/2
SR_ON
Voltage slew
ON state
From 80% to 30% of VOUT
VB_IN = 14 V, Rload = 270 Ω,
10
-
25
V/µs LED1/2
SR_OFF
Voltage slew
OFF state
From 30% to 80%of VOUT
VB_IN = 14 V, Rload = 270 Ω
14
-
21
V/µs LED1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com