Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 89Page - STMicroelectronics L9788 Datasheet HTML 90Page - STMicroelectronics L9788 Datasheet HTML 91Page - STMicroelectronics L9788 Datasheet HTML 92Page - STMicroelectronics L9788 Datasheet HTML 93Page - STMicroelectronics L9788 Datasheet HTML 94Page - STMicroelectronics L9788 Datasheet HTML 95Page - STMicroelectronics L9788 Datasheet HTML 96Page - STMicroelectronics L9788 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 264 page
background image
DS12308 Rev 4
93/264
L9788
Low-side drivers
263
Figure 36. O2 Heater LowSide driver current sense block
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified.
MSC_Command
driver
Curr_sense_O2H1/2
VDDS_IN
PGND
O2H1/2
+
-
GADG0212160756PS
Table 46. Low-side driver - O2 HEATER electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
O2H
LS_RdsON
Low-side RdsON
Tj = 150 °C, ILOAD = 3 A
0.047
0.16
0.216
Ω
O2H1/2
Tj = 25 °C, ILOAD = 3 A
0.04
0.12
0.155
Ω
O2H1/2
Tj = -40 °C, ILOAD = 3 A
0.03
0.9
0.12
Ω
O2H1/2
OUTx_lkg
Output leakage
current
Output disabled, diagnostic
off Vpin = 13.5 V
-10
-
+10
µA
O2H1/2
Irev_OUTx
Body diode reverse
current voltage drop
ILOAD = -2 A
-
-
2
V
O2H1/2
SR_ON
Voltage slew ON
State
From 80% to 30% of VOUT
VB_IN = 14 V, Rload = 3 Ω,
Cload = 10 nF; configure as
O2
0.2
-
0.8
V/µs
O2H1/2
SR_ON_fast
Fast voltage slew
ON State
From 80% to 30% of VOUT
VB_IN = 14 V, Rload = 3 Ω,
Cload = 10 nF; configure as
sol, fast slew rate
2
-
6
V/µs
O2H1/2
SR_OFF
Voltage slew OFF
state
From 30% to 80% of VOUT
VB_IN = 14 V, Rload = 3 Ω,
Cload = 10 nF; configure as
O2
0.2
-
0.8
V/µs
O2H1/2
SR_OFF_fast
Fast Voltage slew
OFF State
From 30% to 80% of VOUT
VB_IN = 14 V, Rload = 3 Ω,
Cload = 10 nF; configure as
sol, fast slew rate
2
-
6
V/µs
O2H1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com