Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 15Page - STMicroelectronics L9788 Datasheet HTML 16Page - STMicroelectronics L9788 Datasheet HTML 17Page - STMicroelectronics L9788 Datasheet HTML 18Page - STMicroelectronics L9788 Datasheet HTML 19Page - STMicroelectronics L9788 Datasheet HTML 20Page - STMicroelectronics L9788 Datasheet HTML 21Page - STMicroelectronics L9788 Datasheet HTML 22Page - STMicroelectronics L9788 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 264 page
background image
DS12308 Rev 4
19/264
L9788
Block diagram and pin description
263
74
RSTcase
Reset output for VDDIO supply
Digital Out
-
75
GND
Ground
GND
-
76
Boost_G
Boost LS gate voltage
Power Out
-
77
VBAT_Sense
Battery supply voltage
Supply In
-
78
VB_IN
Battery supply voltage
Supply In
-
79
CP
Charge pump
Power Out
-
80
Buck_C_BST
Bootstrap capacitor pin
Power Out
-
81
Buck_SW
Buck switching pin
Power Out
-
82
VB_IN_SW
BUCK supply voltage
Power In
-
83
CURR_Sense_O2H2 O2heater drivers output current value
Analog Out
-
84
O2H2_PGNDB
Ground
GND
-
85
O2H2B
O2H2B Driver output voltage
Power Out
-
86
O2H2A
O2H2A Driver output voltage
Power Out
-
87
O2H2_PGNDA
Ground
GND
-
88
O2H1_PGNDB
Ground
GND
-
89
O2H1B
O2H1BDriver output voltage
Power Out
-
90
O2H1A
O2H1A Driver output voltage
Power Out
-
91
O2H1_PGNDA
Ground
GND
-
92
VDD_CAN
CAN Supply 5 V
Supply In
-
93
CURR_Sense_O2H1 O2heater drivers output current value
Analog Out
-
94
CANH
CANH output
Power In/Out
-
95
CANL
CANL output
Power In/Out
-
96
CAN_RX
CAN RX data output
Digital In/Out
-
97
GND
Ground
GND
-
98
CAN_TX
CAN TX data input
Digital In
-
99
VB_CAN
CAN enable signal
Supply In
-
100
GND_CAN
Ground CAN
GND
-
Table 2. Pin function (continued)
Pin #
Name
Function
Type
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com