Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 55Page - STMicroelectronics L9788 Datasheet HTML 56Page - STMicroelectronics L9788 Datasheet HTML 57Page - STMicroelectronics L9788 Datasheet HTML 58Page - STMicroelectronics L9788 Datasheet HTML 59Page - STMicroelectronics L9788 Datasheet HTML 60Page - STMicroelectronics L9788 Datasheet HTML 61Page - STMicroelectronics L9788 Datasheet HTML 62Page - STMicroelectronics L9788 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 264 page
background image
DS12308 Rev 4
59/264
L9788
Main relay driver (low-side driver)
263
5.2
OFF state diagnostic
The OFF diagnosis is performed only in the supply scheme with battery permanently
connected.
The off diagnosis is the same as other low-side drivers.
There is a bit Ipupd_EN which is controlled by a MSC bit (CONFIG_REG2 D6), it is used by
external µController if it is needed to switch on/off both pull up and pull down diagnosis
current.
There is a bit Ipupd_MODE which is controlled by a MSC bit(CONFIG_REG2 D7), it is used
by external uController if it is needed to switch on/off the bigger diagnosis current
(I_LS_PU1) in fast mode. It is possible to define the maximum number of retry in case of
OVC after wake up by KEY. It can be done setting KEY_OC_RETRY_MAX_EN bit in
CONFIG-REG 20.
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified;
Table 26. Main relay low-side driver electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Main relay
MRD_out_voltage_low
Low-side out
voltage
VB_IN = 3.9 V
Iload = 0.1 A
--
0.9
V
MRD
MRD_out_voltage_nom
Low-side out
voltage
5.5 V < VB_IN < 18 V
Iload = 0.3 A
-
-
1.35
V
MRD
MRD_lkg
Output leakage
current
Output disabled,
diagnostic off
-10
-
+10
µA
MRD
rev_MRD
-
Reverse battery
-
-
-16
V
MRD
I_load
Output current
Application Info
-
-
0.5
A
MRD
SR_ON_20
Voltage slew ON
State
From 80% to 30% of
VOUT VB_IN = 14 V,
Rload = 20 Ω
Cload = 10 nF
2
-
6
V/µs MRD
SR_OFF_20
Voltage slew OFF
State
From 30% to 80% of
VOUT VB_IN = 14 V,
Rload = 20 Ω
Cload = 10 nF
2-
6
V/µs MRD
Ton_MRD_20
Propagation
Delay from
Chip_EN rising
edge to 80%
output MRD
voltage
VB_IN = 14 V,
Rload = 20 Ω
Cload = 10 nF
-
-
10
µs
MRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com