Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 94 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 90Page - STMicroelectronics L9788 Datasheet HTML 91Page - STMicroelectronics L9788 Datasheet HTML 92Page - STMicroelectronics L9788 Datasheet HTML 93Page - STMicroelectronics L9788 Datasheet HTML 94Page - STMicroelectronics L9788 Datasheet HTML 95Page - STMicroelectronics L9788 Datasheet HTML 96Page - STMicroelectronics L9788 Datasheet HTML 97Page - STMicroelectronics L9788 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 264 page
background image
Low-side drivers
L9788
94/264
DS12308 Rev 4
S/RGkill_LSH
FAST VS/R off when
an OVC fault
happens
From 30% to 80% of VOUT
VB_IN = 14 V, Rload = 3 Ω,
Cload = 10 nF
5
-
20
V/µs
O2H1/2
Ton_OUTx
Propagation Delay
from MSC_EN rising
edge to 80% output
OUTx voltage
VB_IN = 14 V, Rload = 3 Ω,
Cload = 10 nF
-
-
12
µs
O2H1/2
Toff_OUTx
Propagation Delay
from MSC_EN
falling edge to 20%
output OUTx voltage
VB_IN = 14 V, Rload = 3 Ω,
Cload = 10 nF
-
-
10
µs
O2H1/2
Vclamp_OUTx
OUTx clamping
Voltage
ILOAD = 1.3 A
45
50
55
V
O2H1/2
Vclamp_OUTx_
high_curr
OUTx clamping
Voltage
ILOAD = 1.3 A
Guaranteed by design,
provided single pulse energy
limits are not violated by
clamping action
45
50
55
V
O2H1/2
I_ovc1_o2h
Over current driver
threshold 1
configure as sol
3
4.5
6
A
O2H1/2
I_ovc2_o2h
Over current driver
threshold 2
Tj = -40 °C configured as O2
8.6
-
12.4
A
O2H1/2
I_ovc2_o2h
Over current driver
threshold 2
Tj = +25 °C configured as
O2
8.0
-
11.2
A
O2H1/2
I_ovc2_o2h
Over current driver
threshold 2
Tj = +150 °C configured as
O2
7.8
-
10.5
A
O2H1/2
I_LS_ocv_flt
LS overcurrent filter
time
Guaranteed by scan
4
-
7
µs
O2H1/2
T_SD_HIGH
Temperature shut
down
-
185
-
200
°C
O2H1/2
T_SD_LOW
Temperature shut
down recover
-
175
-
190
°C
O2H1/2
T_SD_hys
Temperature shut
down hysteresis
-
5
-
10
°C
O2H1/2
tmsd_pre_an
Thermal shutdown
analog filter time
Guaranteed by design
1.5
-
4
µs
O2H1/2
t_SD_deglitch
Digital deglitch filter
time on Temperature
shut down detection
Guaranteed by scan
-
10
-
µs
O2H1/2
Driver reliability data
EnergyRep O2H
Energy repetitive
pulses
Tcase = 25 °C ; I_OT_n
=1.5A
18 Miopulses
-
-
15
mJ
O2H1/2
EnergyRep O2H
Energy repetitive
pulses
Tcase= 115 °C ; I_OT_n =
1.2A 648 Miopulses
-
-
10
mJ
O2H1/2
Table 46. Low-side driver - O2 HEATER electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com