Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 36Page - STMicroelectronics L9788 Datasheet HTML 37Page - STMicroelectronics L9788 Datasheet HTML 38Page - STMicroelectronics L9788 Datasheet HTML 39Page - STMicroelectronics L9788 Datasheet HTML 40Page - STMicroelectronics L9788 Datasheet HTML 41Page - STMicroelectronics L9788 Datasheet HTML 42Page - STMicroelectronics L9788 Datasheet HTML 43Page - STMicroelectronics L9788 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 264 page
background image
Operation behavior
L9788
40/264
DS12308 Rev 4
Condition:
5.5 V ≤ VB_IN ≤ 18 V, 4.75 V ≤ VDD_IO ≤ 5.25V, Tj -40 to 175 °C unless otherwise
specified.
Figure 12. SEO delay
Table 14. SEO timing
Symbol
Parameter
MSC_CONF
Min
Typ
Max
Unit
Pin
T_SEO_DELAY
default
00
100
-
140
ms
SEO_OUT
T_SEO_DELAY
-
01
200
-
250
ms
SEO_OUT
T_SEO_DELAY
-
10
400
-
480
ms
SEO_OUT
T_SEO_DELAY
-
11
800
-
920
ms
SEO_OUT
Table 15. SEO Circuit electrical characteristic
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
SEO_OUT_L
SEO_OUT
output low
level
VDDIO = 5 V or 3.3 V
Isink current = 2 mA
-
-
0.5
V
SEO_OUT
SEO_OUT_H
SEO_OUT
high level
VDDIO = 5 V or 3.3 V
Isink current = 2 mA
VDDIO
-0.5
-
-
V
SEO_OUT
GADG2511160800PS
T_SEO_DELAY
KEY
VDD5
VDDIO
SEO_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com