Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 27Page - STMicroelectronics L9788 Datasheet HTML 28Page - STMicroelectronics L9788 Datasheet HTML 29Page - STMicroelectronics L9788 Datasheet HTML 30Page - STMicroelectronics L9788 Datasheet HTML 31Page - STMicroelectronics L9788 Datasheet HTML 32Page - STMicroelectronics L9788 Datasheet HTML 33Page - STMicroelectronics L9788 Datasheet HTML 34Page - STMicroelectronics L9788 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 264 page
background image
DS12308 Rev 4
31/264
L9788
Operation behavior
263
3.1.7
Power up from WAKE_UP_TIMER
The chip is powered up when an end counting is reached inside the wake_up_timer block.
The end and enable counting are set by MSC before the chip is powered down. In case the
power up of the chip is not completed in a MRD_EN_TIMEOUT from WAKE_UP_EOT end
of counting detection the Main Relay Driver is switched off and the chip goes in OFF state.
When U chip is already in on state (the logic is out of power on reset), the wake_up_timer
end counting only sets a flag, with no impact on power supply. This flag is named
WAKE_UP_EOT_DET (detection of a wake_up end of time condition) and is clear by
VDD5/VDDIO under voltage or by the MSC command WAKE_UP_EOT_RST. If no other
power on source is active a power down sequence is started.
The Main Relay Driver is not switched on by WAKE_UP_EOT if the device is powered in
permanent battery.
The MSC sets the programmable time on Wake up timer_SET Registers (CONFIG-REG15-
0 to CONFIG_REG15-2). The counting can be started/stopped by MSC command -
CONFIG_REG1[6:7] = WAKE_UP_TIMER_START_STOP[0:1] (CONFIG_REG1 D6;D7) -
or by switching the pin KEY_IN according to a selection set by MSC bit -
CONFIG_REG20[2] = WAKE_UP_TIMER_EN_SEL.
The counter counts time on the WAKE_UP_TIMER_CNT Register.
WAKE_UP_TIMER_CNT Register and Wake up timer_SET Register are being compared,
and when they match, WAKE_UP_EOT_DET signal will be set to high level to trigger a
power up sequence.
Condition:
4.8 V ≤ VB_IN ≤ 18 V, 3.5 V ≤ VB_STBY ≤ 18 V Tj -40 to 175 °C unless otherwise specified;
VB_STBY > 3.5 V, EOT can keep the counter value (allow to stop counting),
5 V < VB_STBY < 18 V, EOT full function, full parameter.
Iinput
Input current of
WK_IN
WK_IN ≤ 5 V
-
-
340
µA
WK_IN
WK_Tfilter
Filter time for
switching on/off
Guaranteed by test
scan
12
3
ms
WK_IN
RPD
Pull-down resistor
WK_IN=1V
170
300
500
kΩ
WK_IN
MRD_EN_TIMEOUT
Timeout for power up
execution
-
331
500
650
ms
WK_IN
Tbattery_det
Main logic POR
timeout (used to
recognize permanent
battery condition)
-
210
-
450
µs
-
Table 10. WK pins electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com