Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 52Page - STMicroelectronics L9788 Datasheet HTML 53Page - STMicroelectronics L9788 Datasheet HTML 54Page - STMicroelectronics L9788 Datasheet HTML 55Page - STMicroelectronics L9788 Datasheet HTML 56Page - STMicroelectronics L9788 Datasheet HTML 57Page - STMicroelectronics L9788 Datasheet HTML 58Page - STMicroelectronics L9788 Datasheet HTML 59Page - STMicroelectronics L9788 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 264 page
background image
Main relay driver (low-side driver)
L9788
56/264
DS12308 Rev 4
5
Main relay driver (low-side driver)
This driver is used to drive the main relay only.
The on/off status of the driver depends on the following sources of power on: KEY_IN
WK_IN WAKE_UP_TIMER POWER_HOLD (MSC), CAN see Table 20. The Main Relay
Driver can be also switched on/off by a MSC command protected by lock. This is intended to
use in the permanent battery supply scheme only if power up was done by wk_in/EOT/ CAN
according to Table 25. MSC micro commands protected by lock are available for fast on and
off diagnosis.
Figure 20. Main relay low-side driver stage
The low-side (main relay) can work down to VB_IN= VOFF_VB_IN, during cold crank
conditions. The driver has integrated diagnosis, with over-current and overtemperature
protection circuit during the driver on. The driver turn on/off slew-rate is internally controlled.
The Main Relay Driver on/off status is controlled by the power up/down modes or by the
msc commands according to Table 25.
These notes are linked to Table 25
GADG2911161143PS
LOAD L/R
Ground loss
detection
OC & OT protection
ON state
OL & STG detection
OFF state
Driver
MSC Command
VBAT
OUTx
PGND
MAIN RELAY DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com