Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 76 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 72Page - STMicroelectronics L9788 Datasheet HTML 73Page - STMicroelectronics L9788 Datasheet HTML 74Page - STMicroelectronics L9788 Datasheet HTML 75Page - STMicroelectronics L9788 Datasheet HTML 76Page - STMicroelectronics L9788 Datasheet HTML 77Page - STMicroelectronics L9788 Datasheet HTML 78Page - STMicroelectronics L9788 Datasheet HTML 79Page - STMicroelectronics L9788 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 264 page
background image
Multi-voltage regulator supplies
L9788
76/264
DS12308 Rev 4
PSRRVDD5
Supply voltage
rejection ratio
Cout = 10 µF, ESR = 0.1Ω
Iload = 600 mA f = 10 kHz
-
-
-35
dB
VDD5_IN
VOS_VDD5
VDD5 voltage
with overshoot
admitted at
switch on
-
0
0.1
0.2
V
VDD5_IN
TUV_filter_VDD5
Undervoltage
filter time(1)
-
16
24
32
µs
VDD5_IN
TOV_filter_VDD5
Overvoltage filter
time(1)
-
16
24
32
µs
VDD5_IN
VUV_VDD5_L
VDD5
undervoltage
hysteresis
threshold low
-
4.5
4.65
4.75
V
VDD5_IN
VUV_VDD5_H
VDD5
undervoltage
hysteresis
threshold high
-
4.7
4.8
4.9
V
VDD5_IN
VOV_VDD5
VDD5
overvoltage
threshold
-
5.3
5.4
5.5
V
VDD5_IN
VVDD5_GATE_Min
Pre-driver gate
voltage
VPre = 4.8 V to force
regulator in low drop condition
8
-
-
V
VDD5_GATE
VVDD5_GATE_MAX
Pre-driver gate
voltage
Force 5 mA into VDD5_GATE
-
-
15
V
VDD5_GATE
VGS OFF
condition
VDD5_GATE-
VDD5_IN
Device off
-
-
0.5
V
VDD5_GATE
1. line and load regulation are guaranteed until the loop is able to regulate after they are defined by low drop parameters;
Over shoot during power up should not be triggered over voltage warning. UV/OV fault detection during power up
sequence is masked until RSTN release to avoid false triggering at ramp-up phase. With external MOS different from
STD20NF06L regulated voltage could violate UV threshold but for a time shorter than digital deglitch, so it would not be
able to trigger UV/OV fault. With STD20NF06L MOS no UV/OV violation is expected on this and other regulators.
Table 34. VDD5 linear controller pre-driver electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Table 35. Linear controller pre-driver. External components characteristics
Symbol
Parameter
Note
Min
Typ
Max
Unit
Pin
CVDD5
External VDD5
capacitor
10 µF to guarantee
ESR = 50 mΩ
for load
transient response
5
20
60
µF
VDD5_IN
-
External n-MOS
STD20NF06L
-
-
-
-
VDD5_IN,
VDD5_GATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com