Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 70Page - STMicroelectronics L9788 Datasheet HTML 71Page - STMicroelectronics L9788 Datasheet HTML 72Page - STMicroelectronics L9788 Datasheet HTML 73Page - STMicroelectronics L9788 Datasheet HTML 74Page - STMicroelectronics L9788 Datasheet HTML 75Page - STMicroelectronics L9788 Datasheet HTML 76Page - STMicroelectronics L9788 Datasheet HTML 77Page - STMicroelectronics L9788 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 264 page
background image
Multi-voltage regulator supplies
L9788
74/264
DS12308 Rev 4
6.4
External tracking regulator monitor
Vsense4_mon is an input pin for monitoring an external tracking regulator output voltage.
Conditions:
5.5 V < VB_IN_SW ≤ 18 V, Tj -40 to 175 °C unless otherwise specified.
Table 32. VTrack external components characteristics
Symbol
Parameter
Note
Min
Typ
Max
Unit
Pin
CVS1/2/3
VSENSE external
capacitor
ESR_max<20 mΩ Suggest
part numbers:
GCM188R71C105KA49D
470nF
-20%
0.47
20
µF
VSENSE1/2/3
Table 33. External VTrack monitor
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Pin
VUV_VS_l
VSENSE4 undervoltage
threshold low
-
4.55
4.65
4.75
V
VSENSE4_MON
VUV_VS_h
VSENSE4 undervoltage
threshold high
-
4.7
4.8
4.95
V
VSENSE4_MON
VOV_VS
VSENSE4 overvoltage
threshold
-
5.3
5.4
5.55
V
VSENSE4_MON
TUV_filter_VS_running(1) Undervoltage filter time
Covered by
SCAN TEST
16
24
32
µs
VSENSE4_MON
TOV_filter_VS_running(1) Overvoltage filter time
Covered by
SCAN TEST
16
24
32
µs
VSENSE4_MON
1. Fault detection during power up sequence is masked until RSTN release to avoid false triggering at ramp-up phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com