Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 33Page - STMicroelectronics L9788 Datasheet HTML 34Page - STMicroelectronics L9788 Datasheet HTML 35Page - STMicroelectronics L9788 Datasheet HTML 36Page - STMicroelectronics L9788 Datasheet HTML 37Page - STMicroelectronics L9788 Datasheet HTML 38Page - STMicroelectronics L9788 Datasheet HTML 39Page - STMicroelectronics L9788 Datasheet HTML 40Page - STMicroelectronics L9788 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 264 page
background image
DS12308 Rev 4
37/264
L9788
Operation behavior
263
3.1.9
Power down from WAKE_UP_TIMER when PHOLD_EN=0
The chip is powered down if the MSC clears, by the MSC command WAKE_UP_EOT_RST,
WAKE_UP_EOT_DET (The counter counts up until the WAKE_UP_TIMER_SET is
reached) if no other power up source is active and PHOLD_EN = 0. The detection reset by
MSC command, WAKE_UP_EOT_RST=CONFIG_REG12[6], is active at level not at
change, so from when MSC writes them at 1 they keep on clearing the detections. If there is
further wake detection signal, the detection signal will be cleared, until the MSC writes 0 in
the bits.
3.1.10
Power down from PHOLD
The chip is powered down after the power hold timer programmed by MSC has expired or if
the PHOLD function is disabled by MSC. The PHOLD timer can be programmed as timeout
disabled so that the chip stays powered up.
3.1.11
Power up from CAN
The chip can be powered up from CAN according to what reported in the Wake Up (From
CAN) chapter. To allow the power up from CAN the pins VB_CAN, VB_STBY must be
supplied. In case the power up of the chip is not completed in a MRD_EN_TIMEOUT from
CAN valid pattern detection the Main Relay Driver is switched off and the chip goes in OFF
state
When U chip is already in on state (the logic is out of power on reset), the validation of a
valid CAN pattern only sets a flag, with no impact on power supply. This flag is named
WAKE_UP_CAN_DET (detection of a valid can pattern) and is cleared by VDD5/VDDIO
under voltage or by the MSC command WAKE_UP_CAN_RST. In this case if no other
power on source is active a power down sequence is started.
The Main Relay Driver is not switched on by WAKE_UP_CAN if the device is powered in
permanent battery.
3.1.12
Power down from WAKE_UP_CAN when PHOLD_EN=0
The chip is powered down if the MSC clears, by the MSC command WAKE_UP_CAN_RST,
WAKE_UP_CAN_DET (the detection of WAKE_UP_CAN high) if no other power up source
is active and PHOLD_EN = 0. The detection reset by MSC command,
WAKE_UP_CAN_RST=CONFIG_REG12[5], is active at level, so from when MSC writes
them at 1 they keep on clearing the detections. If there is further wake detection signal, the
detection signal will be cleared, until the MSC writes 0 in the bits.
3.1.13
Finish wake function
There is a Finish wake function (auto clear mechanism) of WK_IN_DET,
WAKE_UP_EOT_DET and WAKE_UP_CAN_DET. The purpose is to ensure the system
could power down from wake up state after the impulse timer timeout (typ. 1s).
If the software does not stop the impulse timer before time out, the WK_IN_DET,
WAKE_UP_EOT_DET and WAKE_UP_CAN_DET will be cleared as long as time out. If the
software stops the impulse timer (FIN_WAKE = 1) before time out, the WK_IN_DET,
WAKE_UP_EOT_DET and WAKE_UP_CAN_DET will not be cleared.
The impulse timer is not affected by watchdog(ERR_CNT>4) and EOT. The Finish wake
function is not disabled by RSTN pulled low externally and MSC_SW_RESET active. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com