Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 85 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 81Page - STMicroelectronics L9788 Datasheet HTML 82Page - STMicroelectronics L9788 Datasheet HTML 83Page - STMicroelectronics L9788 Datasheet HTML 84Page - STMicroelectronics L9788 Datasheet HTML 85Page - STMicroelectronics L9788 Datasheet HTML 86Page - STMicroelectronics L9788 Datasheet HTML 87Page - STMicroelectronics L9788 Datasheet HTML 88Page - STMicroelectronics L9788 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 264 page
background image
DS12308 Rev 4
85/264
L9788
Low-side drivers
263
Figure 30. Low-side driver OFF state diagnosis schematic
In the Low-Side Driver we can have three different load conditions as shown in Figure 31:
Figure 31. Low-side driver OFF state diagnosis load thresholds
_Normal Load: it means output driver connected to the load, No Fault Present, VOUT ≥
V_OL Threshold
_Open Load: It means output driver disconnected from the load, Open Load Fault Present,
VLVT ≤ VOUT ≤ V_OL Threshold
_Short To Ground: it means output driver shorted to GND voltage, Short To Gnd Fault
Present, VOUT ≤ VLVT Threshold
There is a bit IPUPD_EN in CONFIG_REG2 which is controlled by a MSC bit, that it is used
by external µController if it is needed to switch on/off both pull up and pull down diagnosis
current.
GADG0112161144PS
PGND
OUTx
LowSide DRIVER
LOAD L/R
MSC Command
Driver
VBAT
gm
I_LS_PU
VOUTOPEN
VTOPEN
Vdd
Fast Pull Up
VTGND
DIAGLV
DIAGOL
I_LS_PD
+
-
+
-
+
-
GADG0112161201PS
Short to
GND
Open Load
Normal
function
VOUTOPEN
VOUTOPEN max
VOUTOPENmin
1.9V
V_OUTx
(low-side)
3V
V_OLmin
VLVTmax
Open Load
Short to
GND
Normal
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com