Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 78 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 74Page - STMicroelectronics L9788 Datasheet HTML 75Page - STMicroelectronics L9788 Datasheet HTML 76Page - STMicroelectronics L9788 Datasheet HTML 77Page - STMicroelectronics L9788 Datasheet HTML 78Page - STMicroelectronics L9788 Datasheet HTML 79Page - STMicroelectronics L9788 Datasheet HTML 80Page - STMicroelectronics L9788 Datasheet HTML 81Page - STMicroelectronics L9788 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 264 page
background image
Multi-voltage regulator supplies
L9788
78/264
DS12308 Rev 4
6.7
VB_IN and VB_IN_SW SUPPLY
VB_IN pin is the power supply pin for internal circuit.
During cranking phase even the VB_IN is = 3.1 V the chip can keep the status, the internal
POR is not triggered and also the internal supply under voltage is not triggered (internal 3V3
regulator undervoltage), the PHOLD timer value is also kept.
Table 37. VB_IN electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
IVB_IN
VB_IN current in functional
mode
--
-
60
mA
VB_IN
IVB_IN_STBY
VB_IN current in OFF
state.
-
-
-
10
µA
VB_IN
IVB_IN_SW
VB_IN_SW current in
functional mode
VB_IN=VB_IN_S
W=13.5V, Vpre
load = 500mA
200
-
350
mA
VB_IN_SW
VOFF_VB_IN
Min VB_IN voltage to keep
the MRD, start relay status
--
-
3.1
V
VB_IN
VUV_VB_IN_L
VB_IN undervoltage
hysteresis threshold low
-
4.7
4.8
4.9
V
VB_IN
VUV_VB_H
VB_IN undervoltage
hysteresis threshold high
-
4.8
4.9
5.05
V
VB_IN
VUV_VB_IN_HYST --
-
0.1
-
V
VB_IN
VOV_VB_IN_L
VB_IN over voltage
threshold low
-28
-
-
V
VB_IN
VOV_VB_IN_H
VB_IN over voltage
threshold high
--
-
32
V
VB_IN
VOV_VB_IN_HYST --
-
2
-
V
VB_IN
tVBOV1
Filter time1 for VB_IN
overvoltage(1)
Tested by scan
70
85
100
µs
VB_IN
tVBOV2
Filter time2 for VB_IN
overvoltage(1)
Tested by scan
11
15
19
ms
VB_IN
tVBUV1
Filter time 1 for VB_IN
undervoltage
VUV_VB_IN_L(1)
Tested by scan
5
-
15
µs
VB_IN
tVBUV2
Filter time 2 for VB_IN
undervoltage
VUV_VB_IN_H(1)
Tested by scan
5
-
15
µs
VB_IN
VUV_VB_CP_ON
VB_IN threshold for main
logic reset
Charge Pump ON
2.4
2.7
3
V
VB_IN
VUV_VB_CP_OFF
VB_IN threshold for main
logic reset
Charge Pump
OFF
3.9
4.4
4.8
V
VB_IN
1. Fault detection during power up sequence is masked until RSTN release to avoid false triggering at ramp-up phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com