Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 58Page - STMicroelectronics L9788 Datasheet HTML 59Page - STMicroelectronics L9788 Datasheet HTML 60Page - STMicroelectronics L9788 Datasheet HTML 61Page - STMicroelectronics L9788 Datasheet HTML 62Page - STMicroelectronics L9788 Datasheet HTML 63Page - STMicroelectronics L9788 Datasheet HTML 64Page - STMicroelectronics L9788 Datasheet HTML 65Page - STMicroelectronics L9788 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 264 page
background image
Multi-voltage regulator supplies
L9788
62/264
DS12308 Rev 4
6
Multi-voltage regulator supplies
The chip has one pre-boost regulator and one pre-buck regulator, which will supply a 5 V
regulator with external MOS. Three 5 V tracking regulators are included. One charge pump
is used for HS channel and by the 5 V linear regulator to drive the external MOS. See the
diagram in Figure 21. The chip becomes to be supplied and the regulators are enabled in
the sequence: VB_in grows till is higher than VB_IN_uv threshold, then internal 3V3 supply,
charge pump and buck, pre-boost regulator, 5 V linear regulator, 5 V tracking regulator 1, 2
and 3 are switched on. Then the power on reset is released and the chip is working.
Figure 21. Power supply block diagram with pre-boost regulator and MRD
GADG2911161223PS
MRD
VBAT
VB_IN
Rg_pd
Rg
VB_STBY
WK
Boost_G
WK_IN
KEY
VBsense
Boost
Supply
Internal
U-chip power structure
VB_IN_SW
C_BST
BUCK_C_BST
VPRE
BUCK_SW
Vtrack 1/2/3
Track Regulator
Buck
5V
6V
Linear
5V Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com