Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 26Page - STMicroelectronics L9788 Datasheet HTML 27Page - STMicroelectronics L9788 Datasheet HTML 28Page - STMicroelectronics L9788 Datasheet HTML 29Page - STMicroelectronics L9788 Datasheet HTML 30Page - STMicroelectronics L9788 Datasheet HTML 31Page - STMicroelectronics L9788 Datasheet HTML 32Page - STMicroelectronics L9788 Datasheet HTML 33Page - STMicroelectronics L9788 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 264 page
background image
Operation behavior
L9788
30/264
DS12308 Rev 4
3.1.5
Power up from WK_IN
The chip is powered up if WK_IN signal has a rising edge and stays asserted for WK_Tfilter.
In case the power up of the chip is not completed in a MRD_EN_TIMEOUT from WK_IN
rising edge detection the Main Relay Driver is switched off and the chip goes in OFF state.
The u-chip will not power up until further rising edge on WK_IN pin. This detection of a
WK_IN condition flag is named WK_IN_DET (detection of a WK_IN condition) and is
cleared by VDD5/VDDIO under voltage or by the MSC command WK_IN_RST. In these
cases, if no other power-on source is active, a power down sequence is started.When U
chip is already in on state (the logic is out of power on reset), the rising edge on pin WK_IN
only sets a flag, with no impact on power supply.
The Main Relay Driver is not switched on by WAKE_IN_DET rising edge if the device is in
permanent battery. To recognize the permanent battery condition the main logic has to be
out of Power On Reset within Tbattery_det.
There is a MSC bit (WAKE_IN_PIN_FLT in read command 15 frame 2) to indicate the status
of WK_IN pin signal after filter time.
A negative glitch on WK_IN can produce unwanted power up and also prevent the correct
power down.
To cover the major cases the falling edge filtering is done both in the VB_STBY domain and
in the VB_IN domain. Depending on which supply is present the behavior is described in the
following cases:
1.
If VB_STBY is present the falling edge filtering is applied also to power up so a
negative glitch on WK_IN will not power up the device.
If VB_STBY is not present a negative glitch on WK_IN will power up the device.
2.
If VB_IN is present (after the device is already powered up) the falling edge filtering on
WK_IN avoids that a glitch (happening in PHOLD after the MSC has cleared the
WK_IN detection) is recognized as valid detection and the device is kept on.
3.1.6
Power down from WK_IN when PHOLD=0
The chip is powered down if the MSC clears, by the MSC command WK_IN_RST, the
detection of WK_IN positive edge if no other power up source is active. The power down is
actuated even if WK_IN is still high. The power down is not activated by WK_IN going low or
WK_IN low level. The detection reset by MSC command, WK_IN_RST
(CONFIG_REG12[7]), is active at level, so from when MSC writes them at 1 they keep on
clearing the detections. If there is further wake detection signal, the detection signal will be
cleared, until the MSC writes 0 in the bits.
Condition:
4.8 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified.
Table 10. WK pins electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VIH
Logic input high
voltage threshold
-
3.6
-
4.1
V
WK_IN
VIL
Logic input low
voltage threshold
-
3.1
-
3.6
V
WK_IN
VIHYS
Logic input hysteresis -
0.1
-
0.8
V
WK_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com