Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 47Page - STMicroelectronics L9788 Datasheet HTML 48Page - STMicroelectronics L9788 Datasheet HTML 49Page - STMicroelectronics L9788 Datasheet HTML 50Page - STMicroelectronics L9788 Datasheet HTML 51Page - STMicroelectronics L9788 Datasheet HTML 52Page - STMicroelectronics L9788 Datasheet HTML 53Page - STMicroelectronics L9788 Datasheet HTML 54Page - STMicroelectronics L9788 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 264 page
background image
DS12308 Rev 4
51/264
L9788
Watchdog
263
The counter PWR_CNT is a 3 bit counter.
Behaviour of PWR_CNT:
asynchronous reset to "000" with RST_UV
synchronous reset to "000" IF (EC < 5)
IF (PWR_CNT < 7) AND (sequencer-run AND "EC" > 7) THEN PWR_CNT =
PWR_CNT + 1 ELSE unchanged.
The counter cannot be decremented and can be only reset to "000" by an active RST_UV
signal (asynchronous) or <WDA_INT> = '0' (synchronous).The signal PWR_INT becomes
active '1' when PWR_CNT = "111" and a further error is detected. When KEY_IN =0, the
active PWR_INT signal causes a shut-down of the main relay and the voltage regulators.
This function ensures a secure shutdown of the system in an error state of the µC in "power-
latch". Signal PWR_INT is set to '0' again only when <WDA_INT> = '0'.
4.1.3
Generation of a monitoring module reset
The monitoring module may cause a reset at the pin [RSTN] named "monitoring module
reset" in conjunction with the internal signal WDA_RST. The generation of a monitoring
module reset depends on the state of the bit <WDA_INT>.
< WDA_INT> = '0' (reset state):
If < WDA_INT> = '0', the signal <WDA_RST> remains always inactive '0' and the monitoring
module can never generate a reset. The error counter can only be decremented via correct
responses. If < WDA_INT> = '0' the state of the reset counter <RST_CNT> remains
unchanged when an ERROR COUNTER overflow occurs (description of the reset counter
<RST_CNT> see below).
< WDA_INT> = '1':
If < WDA_INT> = '1', an ERROR COUNTER overflow activates a reset [RST] (signal
<WDA_RST> becomes active). The signal <WDA_RST> becomes active (i.e. '1') due to an
ERROR COUNTER overflow when the value of the 3 bit reset counter <RST_CNT(2-0)> is
0..6. If the value of <RST_CNT> = "111" and an ERROR COUNTER overflow occurs
<WDA_RST> remains inactive (i.e. '0') and no reset is generated. The "reset counter"
<RST_CNT> is incremented by one during a sequencer-run due to an ERROR COUNTER
overflow when < WDA_INT> = '1' and <RST_CNT> is between 0 and 6. If <RST_CNT> = 7
and an ERROR COUNTER overflow occurs, the counter state remains 7. The counter can
not be decremented and can only reset to zero by an active RST_UV signal. The
occurrence of a monitoring module reset is indicated via the flag <WDA_RST> = '1'.
Reading the flag via MSC clears it automatically. In effect maximum 7 monitoring module
resets can be generated between 2 active RST_UV signal. (see also state table for <
WDA_INT> = '1' below).The state of the "reset counter" <RST_CNT> can be read via MSC
but cannot be changed.
Table 20. Internal states for WDA_INIT=1
RST_CNT old value
EC>7 and sequencer-run
RST_CNT new value
WDA_RST
000 … 111
False
= RST_CNT old
0, no monitoring module reset
000 … 110
True
= RST_CNT old + 1
1, monitoring module reset
generated
111
True
= 111
0, no monitoring module reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com