Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 64Page - STMicroelectronics L9788 Datasheet HTML 65Page - STMicroelectronics L9788 Datasheet HTML 66Page - STMicroelectronics L9788 Datasheet HTML 67Page - STMicroelectronics L9788 Datasheet HTML 68Page - STMicroelectronics L9788 Datasheet HTML 69Page - STMicroelectronics L9788 Datasheet HTML 70Page - STMicroelectronics L9788 Datasheet HTML 71Page - STMicroelectronics L9788 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 264 page
background image
Multi-voltage regulator supplies
L9788
68/264
DS12308 Rev 4
Figure 26. Boost threshold comparator's schematic
6.2
Pre-buck regulator with internal MOS
Vpre features:
6 V regulated output voltage (VPRE);
1.6 A maximum output current;
PWM block (ramp generator, comparator and main latch) with one fixed PWM
frequency (Fsw_vpre);
Internal error amplifier;
Internal Power FET including Bootstrap;
dV/dt Control on gate drivers to fulfill EMC requirements;
Maximum Duty cycle 100%, to allow to charge Bootstrap capacitor;
Protection by over temperature;
Soft Start.
The Vpre regulator is a buck regulator which supplies Pre-boost driver/VDD5/Vtrack1.2.3.
When the OV of VB_IN is detected, the Vpre(Buck) will be switched off. This function is
selectable by a dedicated MSC bit (VB_IN_OV_RST_EN in CONFIG_REG12). A bit is also
available (BUCK_SLOW_SR in CONFIG_REG 21) in order to select slew rate for output
voltage; the default value corresponds to fast slew rate, slow slew rate helps to improve
emission performance
The Vpre regulator includes a soft start. Range of dV/dt at VPRE is specified in electrical
parameters.
Pulse skipping mode: the Vpre regulator can go to pulse skipping mode when the load is too
low to avoid that output voltage (VPRE) rises too much. The principle of the pulse skipping
mode is to skip some pulses during the switching phase, when the loop can't keep itself the
output voltage regulated with a very low load because it is limited by the minimum duty
cycle.
VB_IN_OV fault can trigger the turn OFF of Buck regulator, as specified into reset matrix.
This effect can be masked with bit VB_IN_OV_RST_EN in CONFIG_REG 12.
VBAT_sense
R1
Vbg
Vcomp_th1
R2
Vbg
Vcomp_th2
R3
Vbg
Vcomp_th3
R4
R5
EN
Vbg
Vcomp_th4
GADG2911161610PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com