Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 66 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 62Page - STMicroelectronics L9788 Datasheet HTML 63Page - STMicroelectronics L9788 Datasheet HTML 64Page - STMicroelectronics L9788 Datasheet HTML 65Page - STMicroelectronics L9788 Datasheet HTML 66Page - STMicroelectronics L9788 Datasheet HTML 67Page - STMicroelectronics L9788 Datasheet HTML 68Page - STMicroelectronics L9788 Datasheet HTML 69Page - STMicroelectronics L9788 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 264 page
background image
Multi-voltage regulator supplies
L9788
66/264
DS12308 Rev 4
Boost_DC4
Boost Duty
cycle 4
Vcomp_th3 <
VBAT_SENSE <
Vcomp_th4 10 out of
43 clk cycles
Guaranteed by SCAN
-
23.85
-
%
VB_IN
Vcomp_th4
VBAT_SENSE
comparator
threshold 4
-
7.4
7.8
8.2
V
VBAT_SENSE
Boost_DC5
Boost Duty
cycle 5
Vcomp_th4 <
VBAT_SENSE 4 out of
43 clk cycles
Guaranteed by SCAN
-9.3
-
%
VB_IN
tdBAT_SENS
VBAT_SENSE
comparators
delay time
Vcomp_th1/2/3/4
comparators
0.19
-
2
μs
VBAT_SENSE
IBOOST_LS_sink
LS driver sink
current
BOOST_G = 6 V
305070
mA
BOOST_G
IBOOST_HS_source
HS driver
source current
BOOST_G = 0 V
305070
mA
BOOST_G
IBOOST_LS_sink
LS driver sink
current
BOOST_G = 0.5 V
15
-
43
mA
BOOST_G
IBOOST_HS_source
HS driver
source current
BOOST_G = 5.5 V
10
-
43
mA
BOOST_G
BOOST_G_Ileak
Leakage
current
From 0 V to max pin
voltage
--
1.2
µA
BOOST_G
I_VBAT_Sense_stby
Current
leakage on
VBAT_sense
pin in st-by
-
-
-
1
µA
VBAT_SENSE
I_VBAT_Sense
Pull down
current on
VBAT_sense
operative
mode
-
-
-
100
µA
VBAT_SENSE
R_VBAT_sense
Pull-down
resistor from
VBAT_sense
to GND
-
438
880
1320
kΩ
VBAT_SENSE
R1_VBAT_sense
Resistor
divider string
element
Design info, not tested
311
622
933
kΩ
-
R2_VBAT_sense
Resistor
divider string
element
Design info, not tested
28.75
57.5
86.25
kΩ
-
Table 27. Pre-boost regulator output electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com