Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 18Page - STMicroelectronics L9788 Datasheet HTML 19Page - STMicroelectronics L9788 Datasheet HTML 20Page - STMicroelectronics L9788 Datasheet HTML 21Page - STMicroelectronics L9788 Datasheet HTML 22Page - STMicroelectronics L9788 Datasheet HTML 23Page - STMicroelectronics L9788 Datasheet HTML 24Page - STMicroelectronics L9788 Datasheet HTML 25Page - STMicroelectronics L9788 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 264 page
background image
Absolute maximum ratings
L9788
22/264
DS12308 Rev 4
FLW_OUT
Flying wheel
output voltage
(open drain)
GND1
-
-0.3
+20
V
O
MRD
Main relay
drivers outpour
voltage
GND1
-
-16
Vclamp
V
O
INJ1
INJ2
INJ3
INJ4
O2H1A
O2H1B
O2H2A
O2H2B
SOL1
SOL2
RLY1
RLY2
RLY3
RLY4
RLY5
LED1
LED2
Low-side drivers
output voltage
GND1
-
-1
Vclamp
V
O
STR1_DRN
STR2_DRN
STR3_DRN
Configurable
high/low-side
drain voltage
GND1
-
-1
Vclamp
V
O
STR1_SRC
STR2_SRC
STR3_SRC
Configurable
high/low-side
source voltage
GND1
-
Vclamp*
+40
V
O
IGN1
IGN2
IGN3
IGN4
IGN5
IGN6
Ignition pre-
driver output
voltage
GND1
Negative voltage
with limited
current at 20 mA,
protected by
external resistor
-1
+40
V
O
CURR_Sense_O2H1
CURR_Sense_O2H2
O2heater drivers
output current
value
GND1
-
-0.3
+20
V
O
Table 3. Absolute maximum ratings (continued)
Pin name
Parameter
Referred to
Constr.
Min
Max
Unit
Pin(1)
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com