Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 57Page - STMicroelectronics L9788 Datasheet HTML 58Page - STMicroelectronics L9788 Datasheet HTML 59Page - STMicroelectronics L9788 Datasheet HTML 60Page - STMicroelectronics L9788 Datasheet HTML 61Page - STMicroelectronics L9788 Datasheet HTML 62Page - STMicroelectronics L9788 Datasheet HTML 63Page - STMicroelectronics L9788 Datasheet HTML 64Page - STMicroelectronics L9788 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 264 page
background image
DS12308 Rev 4
61/264
L9788
Main relay driver (low-side driver)
263
5.3
Error handling
The Main Relay Driver follows the same error handling table as other low-side drivers.
V_OL
Open load
threshold voltage
Driver tristate, diag
enabled
VOUTOPEN
+160 mV
-3.0
V
MRD
VOUTOPEN
Open load output
voltage
Driver tristate, diag
enabled
2.3
2.5
2.7
V
MRD
I_LS_PU1
Diagnostic pull up
current
In OFF condition,
OUTx < VLVT,
Ipupd_EN = ENB,
Ipupd_MODE = ”1”
2.5
3.6
4.7
mA
MRD
I_LS_PU2
Diagnostic pull up
current
In OFF condition,
OUTx < VLVT,
Ipupd_EN = ENB,
Ipupd_MODE = ”0”
40
70
100
µA
MRD
I_LS_PD1
Diagnostic pull
down current
In OFF condition,
OUTx >
VOUTOPEN,
Ipupd_EN = ENB
60
85
110
µA
MRD
Tflt_diagoff1
DIAG Filter time
Filter Mode=0
75
100
125
µs
MRD
Tflt_diagoff2
DIAG Filter time
Filter Mode=1
450
600
750
µs
MRD
-
Minimum OFF
time for correct
diagnostic
Application note
(esd cap < 10 nF)
Filter Mode = 0
175
-
-
µs
MRD
-
Fast OFF
diagnostic
ON→OFF→ON
Filter Mode = 0
175
200
240
µs
MRD
-
Fast ON
diagnostic
OFF→ON→OFF
-65
-
90
µs
MRD
Driver Reliability Data
EnergyRep MRD
Energy Repetitive
Pulses
I_OT_n = 0.3 A
Freq = 1 Hz ;
4 Miopulses
Tj =150 °C
--
6.5
mJ
MRD
Table 26. Main relay low-side driver electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com