Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 81 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 77Page - STMicroelectronics L9788 Datasheet HTML 78Page - STMicroelectronics L9788 Datasheet HTML 79Page - STMicroelectronics L9788 Datasheet HTML 80Page - STMicroelectronics L9788 Datasheet HTML 81Page - STMicroelectronics L9788 Datasheet HTML 82Page - STMicroelectronics L9788 Datasheet HTML 83Page - STMicroelectronics L9788 Datasheet HTML 84Page - STMicroelectronics L9788 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 264 page
background image
DS12308 Rev 4
81/264
L9788
Multi-voltage regulator supplies
263
6.9
Main oscillator
The device uses an internal oscillator, called MAIN Oscillator, to synchronize internal logic
and internal charge pump. A second oscillator is used to check internally if the Main
oscillator is working correctly. The Main Oscillator output is continuously verified by the
Auxiliary Oscillator output. The two clocks frequency are measured and compared so that
out of range frequency values can be detected. In case of frequency error greater than 20%
a flag "freq_err" (Upstream Read11) is set and read and cleared by MSC. In case of
frequency error greater than 30% another flag "clk_mon_fault" (Upstream Read11) is set
and read and cleared by MSC, drivers are disabled when this error occurs. The monitor
circuit is able also to detect a stuck condition in the reference clock, moreover the check is
done on both the main and the auxiliary oscillator so that a failure in any of the two
oscillators is able to set the fault flag.
Figure 29. Clock monitor block diagram
The Main and Auxiliary oscillators are kept independent using redundant circuits, biased by
independent current sources, and layouted in different floor plan regions kept isolated
thanks to deep trench usage. The only common point between the oscillators is the digital
supply that is however monitored by the independent mechanisms.
Aux oscillator is used just for safety purpose and connected to a small digital portion (no
impact on EMC performance). The main oscillator has spread spectrum solution applied by
default to reduce emissions; it means that oscillator frequency has and average value equal
to MainOSCIL with a triangular modulation applied, so final frequency is MainOSCIL ± 3.5%
and a triangular variation of about 111 kHz frequency
Conditions:
4.8 ≤ VB_IN ≤ 18V, Tj -40 to 175 °C unless otherwise specified;
GADG0112161042PS
Clock divider
Window counter
OSC_fail_SPI_flag
Fault logic
management
oscillator
Auxiliary
oscillator
Main
Clock divider
To high
To low
Stuck at
Window counter
To high
To low
Stuck at
Table 40. Clock monitor characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
MainOSCIL
Internal MAIN oscillator
frequency
VB_IN = 4.8 V-18 V
14.25
15
15.75
MHz
-
MainOSCIL
Internal redundant
oscillator frequency
VB_IN = 4.8 V-18 V
-
15
-
MHz
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com