Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 17Page - STMicroelectronics L9788 Datasheet HTML 18Page - STMicroelectronics L9788 Datasheet HTML 19Page - STMicroelectronics L9788 Datasheet HTML 20Page - STMicroelectronics L9788 Datasheet HTML 21Page - STMicroelectronics L9788 Datasheet HTML 22Page - STMicroelectronics L9788 Datasheet HTML 23Page - STMicroelectronics L9788 Datasheet HTML 24Page - STMicroelectronics L9788 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 264 page
background image
DS12308 Rev 4
21/264
L9788
Absolute maximum ratings
263
VDD_IO
Dedicated 5 V
voltage for
FLW_OUT,
MSC_DO,
TxDC, RxDC
GND1
-
-0.3
+20
V
S
VSENSE1,
VSENSE2, VSENSE3
5 V tracking
sensor supply
output voltage
GND1
-
-2
+40
V
S
VSENSE4_MON
External tracking
sensor supply
Monitor
GND1
-
-2
+40
V
I
CP
Charge pump
GND1
-
-0.3
VB_IN+
5V
VS
GND1
Power ground
-
-
-0.3
+0.3
V
O
GND_CAN
Power ground
GND1
-
-0.3
+0.3
V
O
WDA
Digital output
(open drain) /
Digital input
GND1
-
-0.3
+20
V
I/O
SEO_OUT
Digital output
GND1
-
-0.3
+20
V
O
RSTN, RSTC
Digital output /
open drain
GND1
-
-0.3
+20
V
I/O
AD_TEST
Digital output
voltage
GND1
-
-0.3
+20
V
O
INJ_ENA,
Digital input /
Digital output
GND1
-
-0.3
+20
V
I/O
KEY_IN, WK_IN
Input voltage
GND1
-
-0.3
+40
V
I
KEY_IN, WK_IN
Input current
GND1
Protect from
Reverse battery
with 1 kΩ resistor
-16
-
mA
I
KEY_IN, WK_IN
Input current
GND1
Protect from
ISOPULSE 1
with 1 kΩ resistor
-150
-
mA
I
MSC_EN,
MSC_CK_P,
MSC_CK_N,
MSC_DI_P,
MSC_DI_N,
MSC_DO
MSC digital I/O
voltage
GND1
-
-0.3
+20
V
I/O
FLW_IN_P,
FLW_IN_N
Flying wheel
inputs voltage
GND1
With 20 mA (Max)
inputs current
-0.3
Vclamp
V
I
FLW_IN_P,
FLW_IN_N
Flying wheel
inputs current
-
-
-20
+20
mA
I
Table 3. Absolute maximum ratings (continued)
Pin name
Parameter
Referred to
Constr.
Min
Max
Unit
Pin(1)
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com