Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 63Page - STMicroelectronics L9788 Datasheet HTML 64Page - STMicroelectronics L9788 Datasheet HTML 65Page - STMicroelectronics L9788 Datasheet HTML 66Page - STMicroelectronics L9788 Datasheet HTML 67Page - STMicroelectronics L9788 Datasheet HTML 68Page - STMicroelectronics L9788 Datasheet HTML 69Page - STMicroelectronics L9788 Datasheet HTML 70Page - STMicroelectronics L9788 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 264 page
background image
DS12308 Rev 4
67/264
L9788
Multi-voltage regulator supplies
263
Boost application information table:
R3_VBAT_sense
Resistor
divider string
element
Design info, not tested
18.15
36.3
54.45
kΩ
-
R4_VBAT_sense
Resistor
divider string
element
Design info, not tested
12.5
25
37.5
kΩ
-
R5_VBAT_sense
Resistor
divider string
element
Design info, not tested
67.5
135
202.5
kΩ
-
Table 27. Pre-boost regulator output electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Table 28. Pre-boost regulator external components electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
Pin
COUT_BOOST
Capacitance at
VB_IN
36
40
150
µF
Min 4*10 µF,
10%,25 V, X7R, 1206,
CER CAP;
VB_IN
COUT_BOOST_ALU
Option ALU
Capacitance at
VB_IN
0
330
470
µF
ALU 35 V ESR 10 mΩ--3 Ω¸
330 µF, 20%, 25 V,
SMD,AL,ELEC CAP
VB_IN
VBoost_ripple
-
-
-
1.2
1.1
1.0
0.8
Vpp
triangular ripple @ 10 kHz
and 25 kHz @ 50 kHz @
100 kHz @ 350 kHz. All
characteristics of all blocks
supplied by VB_IN
guaranteed
VB_IN
IBOOST
Load current at
VB_IN
0.05
-
1.8
A
-
VB_IN
Q1_Boost
-
-
-
-
-
Choice: STD20NF06L
VB_IN
D1_Boost
-
-
-
-
-
Choice: STPS10H100C
VB_IN
L_boost
BOOST
inductance
0.8
1
1.2
µH
ESR = 10 mΩ
VB_IN
L_boost1
BOOST
inductance
-
2.5
-
µH
ESR = 25 mΩ, Isat = 23 A
VB_IN
L_boost1
BOOST
inductance
-
3.3
-
µH
-
VB_IN
Rsense
Resistor for
VB_sense pin
protection
10
22
30
kΩ
-
VBAT_Sense
Rg
-
-
2.2
-
Ω
-
BOOST_G
Rg_pd
-
-
150
-
kΩ
-
BOOST_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com