Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 37Page - STMicroelectronics L9788 Datasheet HTML 38Page - STMicroelectronics L9788 Datasheet HTML 39Page - STMicroelectronics L9788 Datasheet HTML 40Page - STMicroelectronics L9788 Datasheet HTML 41Page - STMicroelectronics L9788 Datasheet HTML 42Page - STMicroelectronics L9788 Datasheet HTML 43Page - STMicroelectronics L9788 Datasheet HTML 44Page - STMicroelectronics L9788 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 264 page
background image
3.3
Reset strategies
Figure 13. Reset table
Note:
When VB_STBY_UV happens, it stops the EOT counter.The EOT counter will resume when vb_stby_uv goes low (no undervoltage).
IN
x
no rese t
xx
--
xx
*1 5
xx
x
x
--
-
-
-
-
-
x
-
---
--
-
-
-
-
--
-
x
-
-
-
-
-
--
-
-
-
-
-
-
-
-
-
-
-
-
x
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
x
---
x
--
-
-
-
-
-
-
-
-
x-
-
-
--
-
-
-
-
-
-
-
-
-
-
-
-
-
-
--
-
-
---
--
-
--
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-x
x
-
*1 1
*1 1
*1 6
--
-
-
-
-
-
-
-
-
-
-
-
*9
*9
*9
*9
*9
*8
*8
*9
*8
*9
*1 3
*1 3
*1 3
*1 3
*1 3
*1 2
*1 3
*1 3
*1 2
*1 0
*1 0
*1 2
*1 0
*1 2
x
-
WDA
GADG2511160811PS
At the rising edge of reset, the MSC communication is reset. un-sent up stream frame should be discard.
RLY4 and STR[2:3] are MSC configured as starters (CONFIG3[0]=CONFIG3[4:5]=1)
LIN works as receiving mode only (if the disable of the transmitting mode is enabled by MSC)
LIN works as receiving mode only
due to watchdog BOSCH IP the WDA_ERR_CNT can be reset if also RST_PRL is activated
CAN works as receiving-only mode only if bit CAN_TDI =1
If the related delay off function is active the driver stays ON
CAN works as Low-power mode
CAN works as receiving-only mode
RLY4 and STR[2:3] are stop by EN_N/EN_P if they are configured or not as starter
When VDD5_OFF_SEL=1, VDD5 does not depend on VB_IN UV. If VDD5_OFF_SEL=0, VDD5 depends on VB_IN UV
excluded WAKE_UP_TIMER_START_STOP, EOT_MODE, CAN parameters, WAKE_UP_TIMER_EN_SEL, KEY_OC_RERTY_MAX_EN
*16
*15
*14
*13
*12
*11
*10
*9
*8
*7
*6
*5
OT_DET/WAKE_UP_CAN_DET
WAKE_IN_DET/WAKE_UP_E
POWER HOLD
KEY_IN_DET
wake_up_timer(EOT)
TRACK 5V
VDD5
V3V3
WDA_REG_RST
WDA_CNT_RST
RST_PRL
WDA diagnostic register
WDA config register
WDA question register
WDA reset counter
WDA power down counter
WDA error counter
WDA sequence
WDA (OUT)
TRACK(5V)
VDD5(5V)
VCP
BUCK
BOOST
V3V3A V3V3D
CAN
VRS
K/LIN
IGN[1:6]
PRD[1:5]
DELAY OFF FUNCTION
RLY4 STR[2:3] *7
HSD/LSD[1:2:3]
LED[1:2]
RLY[1:5]
SOL[1:2]
O2H[1:2]
INJ[1:4]
MRD
FAULT WARNING
RSTC (OUT)
RSTN (OUT) pull down time
RSTN (OUT)
FIN_WAKE
MSC REGISTERS*14
MSC_ACT
MSC communication*5
(default enabled )
afterrun reset enable bit (TNL)
MSC
Td_UV_RST
active
stop/reset
partial functionality
not active
normal operation
detection
VB_STBY
FLAG READ BY MSC
Td_UV_RST
Td_UV_RST
Td_UV_RST
Td_UV_RST Td_UV_RST
Td_UV_RST
TWDA_RST
TNL_RST
INC+1
SUPPLY DOMAIN
UV
VB_STBY
WAKE_UP_CAN
WAKE_UP_EOT
VB_STBY
EVENT
VB_IN_OV_RST_EN
MSC en/dis (for BUCK, VDD5, TRK)
t>tTBOV2
OV
VB_IN/VB_IN_SW
tTBOV1<t<tTBOV2
OV
UV
V3V3
V3V3A V3V3D
OV
UV
BUCK 6V
VPRE
OV
UV
MSC en/dis
OV
UV
REG 5V
VDD5
UV
VDDIO
FAULT
OSC
LOSS
GND
BID PIN
WDA(IN)
ERR_CNT>4
wda_init=1
MSC
ERR_CNT>7
MSC en/dis
KEY_IN=0
and
PWR_CNT>7
WDA_QA
V3V3D
MSC_ACT
SW_RESET
en/dis
MSC
active
reset
afterrun
TRACK 5V
WARNING
FAULT
EN_N
EN_P
RSTN (IN)
BID PIN
IN
OV/UV
internal reset
WATCHDOG
SEO_OUT is triggered by KEY_IN=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com