Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 96 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 92Page - STMicroelectronics L9788 Datasheet HTML 93Page - STMicroelectronics L9788 Datasheet HTML 94Page - STMicroelectronics L9788 Datasheet HTML 95Page - STMicroelectronics L9788 Datasheet HTML 96Page - STMicroelectronics L9788 Datasheet HTML 97Page - STMicroelectronics L9788 Datasheet HTML 98Page - STMicroelectronics L9788 Datasheet HTML 99Page - STMicroelectronics L9788 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 264 page
background image
Low-side drivers
L9788
96/264
DS12308 Rev 4
-
Minimum OFF time
for correct
diagnostic
Application note (esd cap <
10 nF,)
Filter Mode = 0
175
-
-
µs
O2H1/2
Current sensing characteristics
Gain_sense
Transresistance
sense gain
-0.8
V/A
Curr_Sense
_O2H1/2
V_OUT_0p5A
Output voltage AD
for Ipower = 0.5 A
Rext = 5.1 kΩ
0.32
0.4
0.55
V
Curr_Sense
_O2H1/2
V_OUT_1A
Output voltage AD
for Ipower = 1 A
Rext = 5.1 kΩ
0.64
0.8
0.96
V
Curr_Sense
_O2H1/2
V_OUT_2A
Output voltage AD
for Ipower = 2 A
Rext = 5.1 kΩ
1.44
1.6
1.76
V
Curr_Sense
_O2H1/2
V_OUT_3A
Output voltage AD
for Ipower = 3 A
Rext = 5.1 kΩ
2.16
2.4
2.64
V
Curr_Sense
_O2H1/2
V_OUT_4A
Output voltage AD
for Ipower = 4 A
Rext = 5.1 kΩ
2.88
3.2
3.52
V
Curr_Sense
_O2H1/2
Table 46. Low-side driver - O2 HEATER electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com