Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 56Page - STMicroelectronics L9788 Datasheet HTML 57Page - STMicroelectronics L9788 Datasheet HTML 58Page - STMicroelectronics L9788 Datasheet HTML 59Page - STMicroelectronics L9788 Datasheet HTML 60Page - STMicroelectronics L9788 Datasheet HTML 61Page - STMicroelectronics L9788 Datasheet HTML 62Page - STMicroelectronics L9788 Datasheet HTML 63Page - STMicroelectronics L9788 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 264 page
background image
Main relay driver (low-side driver)
L9788
60/264
DS12308 Rev 4
Toff_MRD_20
Propagation
Delay from
Chip_EN falling
edge to 20%
output MRD
voltage
VB_IN=14V,
Rload = 20 Ω
Cload = 10 nF
-
-
10
µs
MRD
Vclamp_MRD
MRD clamping
Voltage
Iload = 0.3 A
48
55
V
MRD
Vclamp_MRD_high_curr
MRD clamping
Voltage
Iload = 1 A
Guaranteed by
design, provided
single pulse energy
limits are not violated
by clamping action
48
-
55
V
MRD
IOVC_MRD
Over current
driver threshold
-1
-
2
A
MRD
I_LS_ocv_flt
LS overcurrent
filter time
Guaranteed by scan
4
-
7
µs
MRD
TfT_Res
Self retry time
after OVC with
KEY_IN on or
WK_IN active or
WKE_UP_EOT
active
Guaranteed by scan
15.2
16
16.8
ms
MRD
NRes_NN
Maximum number
of retry when
KEY_OC_RETRY
_MAX_EN=1
Guaranteed by scan
-
32
-
-
MRD
T_SD_HIGH
Temperature shut
down
-
185
200
°C
MRD
T_SD_LOW
Temperature shut
down recover
-
175
-
190
°C
MRD
T_SD_hys
Temperature shut
down hysteresis
-5
-
10
°C
MRD
tmsd_pre_an
Thermal
shutdown analog
filter time
Guaranteed by
design
1.5
-
4
µs
MRD
t_SD_deglitch
Digital deglitch
filter time on
Temperature shut
down detection
Guaranteed by scan
30
-
-
µs
MRD
OFF state diagnostic
VLVT
Short to GND
threshold voltage
Driver tristate, diag
enabled
1.9
-
VOUTO
PEN
-190mV
VMRD
Table 26. Main relay low-side driver electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com