Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 101 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 97Page - STMicroelectronics L9788 Datasheet HTML 98Page - STMicroelectronics L9788 Datasheet HTML 99Page - STMicroelectronics L9788 Datasheet HTML 100Page - STMicroelectronics L9788 Datasheet HTML 101Page - STMicroelectronics L9788 Datasheet HTML 102Page - STMicroelectronics L9788 Datasheet HTML 103Page - STMicroelectronics L9788 Datasheet HTML 104Page - STMicroelectronics L9788 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 264 page
background image
DS12308 Rev 4
101/264
L9788
Low-side drivers
263
LS_RdsON_
RL4
Low-side RdsON
VB_IN = 3.1 V,
ILOAD = 0.6 A
--
3
Ω
RLY4
OUTx_lkg
Output leakage
current
Output disabled,
diagnostic off
-10
-
+10
µA
RLY/1/2/3/4/5
Irev_OUTx
Body diode reverse
current voltage drop
ILOAD = -0.6 A
-
-
2
V
RLY/1/2/3/4/5
SR_ON
Voltage slew ON
State
From 80% to 30% of
VOUT, VB_IN = 14 V,
Rload = 68 Ω
Cload = 10 nF
0.4
-
2.1
V/µs RLY/1/2/3/4/5
SR_OFF
Voltage slew OFF
State
From 30% to 80% of
VOUT, VB_IN = 14 V,
Rload = 68 Ω
Cload = 10 nF
0.4
-
2.1
V/µs RLY/1/2/3/4/5
S/RGkill
FAST VS/R off when
an OVC fault
happens
From 30% to 80% of
VOUT, VB_IN = 14 V,
Rload = 68 Ω
Cload = 10 nF
5
-
20
V/µs RLY/1/2/3/4/5
Ton_OUTx
Propagation Delay
from MSC_EN rising
edge to 80% output
OUTx voltage
VOUT, VB_IN = 14 V,
Rload = 68 Ω
Cload = 10 nF
-
-
10
µs
RLY/1/2/3/4/5
Toff_OUTx
Propagation Delay
from MSC_EN falling
edge to 20% output
OUTx voltage
VB_IN = 14 V,
Rload = 68 Ω
Cload = 10 nF
-
-
10
µs
RLY/1/2/3/4/5
Vclamp_OUTx
OUTx clamping
Voltage
ILOAD = 0.6 A
45
-
55
V
RLY/1/2/3/4/5
Vclamp_OUTx
_high_curr
OUTx clamping
Voltage
ILOAD = 1 A
Guaranteed by design,
provided single pulse
energy limits are not
violated by clamping
action
45
-
55
V
RLY/1/2/3/4/5
-
Over current driver
threshold
-
1
1.5
2
A
RLY/1/2/3/4/5
I_LS_ocv_flt
LS overcurrent filter
time
Guaranteed by scan
4
-
7
µs
RLY/1/2/3/4/5
T_SD_HIGH
Temperature shut
down
-
185
-
200
°C
RLY/1/2/3/4/5
Table 48. Low-side driver - RELAY electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com