Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 107 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 103Page - STMicroelectronics L9788 Datasheet HTML 104Page - STMicroelectronics L9788 Datasheet HTML 105Page - STMicroelectronics L9788 Datasheet HTML 106Page - STMicroelectronics L9788 Datasheet HTML 107Page - STMicroelectronics L9788 Datasheet HTML 108Page - STMicroelectronics L9788 Datasheet HTML 109Page - STMicroelectronics L9788 Datasheet HTML 110Page - STMicroelectronics L9788 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 264 page
background image
DS12308 Rev 4
107/264
L9788
High/low-side drivers - STARTER STR[1:3]
263
8
High/low-side drivers - STARTER STR[1:3]
These 3 high/low-side drivers with diagnosis and overcurrent protection have a floating
architecture and can be used in high-side or low-side mode.
The configuration is defined by MSC bit (LSD/HSD_DRVx-CFG CONFIG_REG3 D1~D3).
The driver is optimized for relay and low-current loads, and it can be associated to smart
starter functional block.
They are driven by MSC command. The Output voltage is clamped to voltage limit by
internal clamp circuit. In order to guarantee a negligible output current in case of LED
application an internal dedicated comparator is present. This comparator, in case of high-
side configuration, Diagoff disabled and channel OFF, determines the disabling of internal
driver in case of output voltage (STR_SRC) pin in the range of -0.4V typ < STR_SRC< 1.8V
typ. This implementation guarantees a negligible output current down to 0V on STR_SRC
pin (where internal compensation is no more effective) and at the same time the correct re-
enabling of the driver when the output voltage goes negative, in order to guarantee the
correct clamping functionality during recirculation. In any other condition (Low-side
configuration, or Diagoff enabled, or channel ON) the effect of this comparator is masked
and an output current will be observed.
Figure 40. Configurable high/low -side Driver block schematic
The driver has the following detection diagnosis in low-side mode:
Overcurrent (Short to Vbat) protection in On Phase (OVC);
Open Load in Off phase (DIAGOL);
Short to Ground in Off Phase (DIAGLV);
Over Temperature Protection in On phase (OT);
The driver has the following detection diagnosis in high-side mode:
Overcurrent (Short To GND) protection in On Phase (OVC);
Open Load in Off phase (DIAGOL);
Short to battery in Off Phase (DIAGHV);
Over Temperature Protection in On phase (OT);
GADG0212161507PS
STRx_SRC
STRx_DRN
STR DRIVER
LOAD
VBAT
Command
Driver
OFF state - LS
OL & STG detection
ON state
OC & OT protection
LS_CONF
HS_CONF
LOAD
LS_CONF
HS_CONF
GND
WD reset
OFF state - HS
OL & STG detection
Chip en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com