Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 111 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 107Page - STMicroelectronics L9788 Datasheet HTML 108Page - STMicroelectronics L9788 Datasheet HTML 109Page - STMicroelectronics L9788 Datasheet HTML 110Page - STMicroelectronics L9788 Datasheet HTML 111Page - STMicroelectronics L9788 Datasheet HTML 112Page - STMicroelectronics L9788 Datasheet HTML 113Page - STMicroelectronics L9788 Datasheet HTML 114Page - STMicroelectronics L9788 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 264 page
background image
DS12308 Rev 4
111/264
L9788
High/low-side drivers - STARTER STR[1:3]
263
Figure 44. OFF state diagnostic high-side, timing
If DiagOL or DiagHV signal remains high for a time higher than Diag Filter Time the fault bit
is set and can be read by Read Diag Communication.
This bit can be reset by every Read Diag Communication.
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified;
GADG0512160807PS
VHVT
V_OL_TH_H
highside
COMMAND
VOUT
< Tflt_diagoff
Tflt_diagoff
HIGH SIDE OUTPUT VOLTAGE
OPEN LOAD
t
DIAG
OFF FAULT
OPEN LOAD
OFF
NO FAULT
NO FAULT
COMMAND
VOUT
Tflt_diagoff
HIGH SIDE OUTPUT VOLTAGE
t
DIAG
OFF FAULT
OFF
NO FAULT
VOUT
< Tflt_diagoff
NORMAL LOAD
HIGH SIDE OUTPUT VOLTAGE
t
DIAG
OFF
NO FAULT
NO FAUT
COMMAND
VHVT
V_OL_TH_H
highside
VHVT
V_OL_TH_H
highside
COMMAND
VOUT
< Tflt_diagoff
Tflt_diagoff
HIGH SIDE OUTPUT VOLTAGE
t
DIAG
OFF
FAULT
FAULT
FASTCHARGE
OFF FAULT
VHVT
V_OL_TH_H
highside
SHORT-TO-BATTERY LOAD
SHORT-TO-BATTERY LOAD
SHORT-TO-BATTERY LOAD
SHORT-TO-BATTERY LOAD
Table 50. High/low-side driver - STARTER electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Irev_OUTx
Body diode
reverse current
voltage drop
ILOAD = -0.6 A
-
-
1
V
STR1/2/3
Relay HS configuration
RdsON
Drain-source
resistance
HS configuration
VB_IN = 13.5 V;
Tj =150 °C, I_load = 1A
-
-
1.5
Ω
STR1/2/3
RdsON
Drain-source
resistance
HS configuration
VB_IN = 13.5 V;
Tj = 25 °C, I_load = 1 A
-
-
0.81
Ω
STR1/2/3
RdsON
Drain-source
resistance
HS configuration
VB_IN = 13.5 V;
Tj =40 °C, I_load = 1 A
-
-
0.63
Ω
STR1/2/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com