Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 112 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 108Page - STMicroelectronics L9788 Datasheet HTML 109Page - STMicroelectronics L9788 Datasheet HTML 110Page - STMicroelectronics L9788 Datasheet HTML 111Page - STMicroelectronics L9788 Datasheet HTML 112Page - STMicroelectronics L9788 Datasheet HTML 113Page - STMicroelectronics L9788 Datasheet HTML 114Page - STMicroelectronics L9788 Datasheet HTML 115Page - STMicroelectronics L9788 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 264 page
background image
High/low-side drivers - STARTER STR[1:3]
L9788
112/264
DS12308 Rev 4
RdsON
Drain-source
resistance
HS configuration
VB_IN = 3.1 V
I_load = 1 A
-
-
3
Ω
STR1/2/3
STR_SRC_lkg
Output leakage
current
Driver disabled,
diagnostic off; HSide
configuration
-10
-
+10
µA
STR1/2/3
SR_ON
HS
configuration
Voltage slew ON
State
From 30% to 80% of
VOUT VB_IN = 14 V,
Rload = 68 Ω
0.7
-
2.1
V/µs
STR1/2/3
SR_OFF
HS
configuration
Voltage slew
OFF State
From 80% to 30% of
VOUT VB_IN = 14 V,
Rload = 68 Ω
0.7
-
2.1
V/µs
STR1/2/3
S/RGkill_HS
FAST VS/R off
when an OVC
fault happens
high-side
configuration
From 80% to 30% of
VOUT VB_IN = 14 V,
Rload = 68 Ω
5
-
20
V/µs
STR1/2/3
Ton_OUTx_Hside
Propagation
Delay from
MSC_EN rising
edge to 20%
output OUTx
voltage
VB_IN = 14 V,
Rload = 68 Ω
-
-
10
µs
STR1/2/3
Toff_OUTx_Hside
Propagation
Delay from
MSC_EN falling
edge to 80%
output OUTx
voltage
VB_IN = 14 V,
Rload = 68 Ω
-
-
10
µs
STR1/2/3
Vclamp_OUTx_HS
OUTx clamping
voltage HS
configuration
ILOAD = 0.6 A
-4.1
-
-2.5
V
STR1/2/3
-
Over current
driver threshold
HS
configuration
-
1
1.5
2
A
STR1/2/3
I_HS_ocv_flt
HS overcurrent
filter time
Guaranteed by scan
4
-
7
µs
STR1/2/3
Relay LS configuration
RdsON
Drain-source
resistance
LS configuration
VB_IN = 13.5 V
Tj = 150 °C I_load = 1A
-
-
1.5
Ω
STR1/2/3
Table 50. High/low-side driver - STARTER electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com