Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 108 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 104Page - STMicroelectronics L9788 Datasheet HTML 105Page - STMicroelectronics L9788 Datasheet HTML 106Page - STMicroelectronics L9788 Datasheet HTML 107Page - STMicroelectronics L9788 Datasheet HTML 108Page - STMicroelectronics L9788 Datasheet HTML 109Page - STMicroelectronics L9788 Datasheet HTML 110Page - STMicroelectronics L9788 Datasheet HTML 111Page - STMicroelectronics L9788 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 264 page
background image
High/low-side drivers - STARTER STR[1:3]
L9788
108/264
DS12308 Rev 4
In low-side configuration, if they are configured as starter CONFIG_REG3[4]=STR2_EN=1
and CONFIG_REG3[5]=STR3_EN=1, the driver STR2 and STR3 can work down to VB_IN
= 3.1 V. for THOLD.
In high-side configuration, if they are configured as starter CONFIG_REG3[4]=STR2_EN=1
and CONFIG_REG3[5]=STR3_EN=1, the driver STR2 and STR3 can work down to VB_IN
= 3.1 V for THOLD.
Furthermore, the driver can latch its ON state for THOLD even if the main microcontroller is
temporarily not working due to low-battery conditions.
HS/LS are intended to be used as starter relay driver. One for high-side, one for low-side.
STR2/3 should keep the status till VOFF_VB_IN.(3.1 V).
Each starter driver is separately put in on or off state by the MSC CONFIG-REG 14[5:7] just
for the time required to perform on or off diagnosis (Fast Diagnosis). At the end of the
diagnosis it is automatically put in the state determined by the current value of MSC data
frame.
The micro command is activated by writing 1 from 0 in the MSC registers (both for ON and
OFF).
8.1
ON state diagnosis
The ON state diagnosis has the same features as the low-side driver ON state diagnosis
described in chapter Section 7.1.1 and Section 7.1.2.
8.2
ON/OFF state - Error in on status diagnosis
Refer to paragraph Section 7.1.3.
8.3
OFF state diagnosis LS mode
The OFF state diagnosis in LS mode has the same features as the low-side driver OFF
state diagnosis described in paragraph Section 7.1.4.
8.4
OFF state diagnosis HS mode
The device provides off-state diagnostic for HS mode, simplified schematic of implemented
diagnostic is shown in Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com