Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 114 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 110Page - STMicroelectronics L9788 Datasheet HTML 111Page - STMicroelectronics L9788 Datasheet HTML 112Page - STMicroelectronics L9788 Datasheet HTML 113Page - STMicroelectronics L9788 Datasheet HTML 114Page - STMicroelectronics L9788 Datasheet HTML 115Page - STMicroelectronics L9788 Datasheet HTML 116Page - STMicroelectronics L9788 Datasheet HTML 117Page - STMicroelectronics L9788 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 264 page
background image
High/low-side drivers - STARTER STR[1:3]
L9788
114/264
DS12308 Rev 4
Vclamp_OUTx_LS_hig
h_curr
OUTx clamping
voltage LS
configuration
ILOAD = 1 A
Guaranteed by design,
provided single pulse
energy limits are not
violated by clamping
action
40
-
50
V
STR1/2/3
Over current
driver threshold
LS configuration
-
1
1.5
2
A
STR1/2/3
I_LS_ocv_flt
LS overcurrent
filter time
Guaranteed by scan
4
-
7
µs
STR1/2/3
Driver reliability data as Low-Side
EnergyRep
Energy
repetitive pulses
Tcase = 25 °C ;
I_OT_n = 0.45 A
1.1 Miopulses
--
9
mJ
STR1/2/3
EnergyRep
Energy
repetitive pulses
Tc = 115 °C ;
I_OT_n = 0.3 A
40 Miopulses
-
-
6.5
mJ
STR1/2/3
EnergyRep
Energy
repetitive pulses
Tc =130 °C ;
I_OT_n = 0.3 A
9 Miopulses
-
-
6.5
mJ
STR1/2/3
EnergyRep
Energy
repetitive pulses
Tc = 140 °C ;
I_OT_n = 0.3 A
1 Miopulses
-
-
6.5
mJ
STR1/2/3
Driver reliability data as High-Side
EnergyRep
Energy
repetitive pulses
Tcase = 25 °C ;
I_OUT_n = 0.45 A
1.1 Miopulses
-
-
12.5
mJ
STR1/2/3
EnergyRep
Energy
repetitive pulses
Tc = 115 °C ;
I_OT_n = 0.3 A
40 Miopulses
--
9
mJ
STR1/2/3
EnergyRep
Energy
repetitive pulses
Tc = 130 °C ;
I_OT_n = 0.3 A
9 Miopulses
--
9
mJ
STR1/2/3
EnergyRep
Energy
repetitive pulses
Tc = 140 °C ;
I_OT_n = 0.3 A
1 Miopulses
--
9
mJ
STR1/2/3
Driver reliability data generator defect as Low-Side
EnergyRep STR
Energy
repetitive pulses
Tc = 25 °C ;
I_OT_n = 0.5 A
0.02 Miopulses
-
-
11
mJ
STR1/2/3
EnergyRep STR
Energy
repetitive pulses
Tc = 135 °C ;
I_OT_n = 0.35 A
0.02 Miopulses
--
8
mJ
STR1/2/3
Table 50. High/low-side driver - STARTER electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com