Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 117 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 113Page - STMicroelectronics L9788 Datasheet HTML 114Page - STMicroelectronics L9788 Datasheet HTML 115Page - STMicroelectronics L9788 Datasheet HTML 116Page - STMicroelectronics L9788 Datasheet HTML 117Page - STMicroelectronics L9788 Datasheet HTML 118Page - STMicroelectronics L9788 Datasheet HTML 119Page - STMicroelectronics L9788 Datasheet HTML 120Page - STMicroelectronics L9788 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 264 page
background image
DS12308 Rev 4
117/264
L9788
High/low-side drivers - STARTER STR[1:3]
263
Tflt_diagoff2
-
Guaranteed by scan
Cload = 15 nF
1000
1200
1500
us
STR1/2/3
Tflt_diagoff1
-
Guaranteed by scan
Cload = 15 nF
130
160
200
us
STR1/2/3
OFF state diagnostic – LS configuration
VLVT
Short to GND
threshold
voltage
LS configuration
1.9
-
VOUT
OPEN
-180mV
VSTR1/2/3
V_OL_TH_Lowside
Open load
threshold
voltage
LS configuration
VOUT
OPEN
+160mV
-3.0
V
STR1/2/3
VOUTOPEN_Lowside
Open load
voltage
LS configuration
2.3
2.5
2.7
V
STR1/2/3
I_LS_PU1
Diagnostic pull
up current in Ls
configuration
In OFF condition,
STRx_DRN < VLVT,
IPUPD_EN_STRx =ENB,
Ipupd_MODE =”1”
2.5
3.6
4.7
mA
STR1/2/3
I_LS_PU2
In OFF condition,
STRx_DRN < VLVT,
IPUPD_EN_STRx =ENB,
Ipupd_MODE =”0”
40
70
100
µA
STR1/2/3
I_LS_PD1
Diagnostic pull
down current in
Ls configuration
In OFF condition,
STRx_DRN > VOUTO
PEN,
IPUPD_EN_STRx =ENB
55
85
100
µA
STR1/2/3
Tflt_diagoff2
DIAG Filter time
in Ls
configuration
Filter Mode = 1
Guaranteed by scan
Cload = 15 nF
450
600
750
µs
STR1/2/3
Tflt_diagoff1
DIAG Filter time
in Ls
configuration
fast discharge
enable Filter
Mode = 0 (fast
diag off)
Guaranteed by scan
Cload = 15 nF
75
100
125
µs
STR1/2/3
Common diagnostic – LS/HS configuration
T_SD_HIGH
Temperature
shut down
-
185
-
200
°C
STR1/2/3
T_SD_LOW
Temperature
shut down
recover
-
175
-
190
°C
STR1/2/3
T_SD_hys
Temperature
shut down
hysteresis
-5
-
10
°C
STR1/2/3
Table 50. High/low-side driver - STARTER electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com