Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 121 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 117Page - STMicroelectronics L9788 Datasheet HTML 118Page - STMicroelectronics L9788 Datasheet HTML 119Page - STMicroelectronics L9788 Datasheet HTML 120Page - STMicroelectronics L9788 Datasheet HTML 121Page - STMicroelectronics L9788 Datasheet HTML 122Page - STMicroelectronics L9788 Datasheet HTML 123Page - STMicroelectronics L9788 Datasheet HTML 124Page - STMicroelectronics L9788 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 264 page
background image
DS12308 Rev 4
121/264
L9788
High/low-side drivers - STARTER STR[1:3]
263
Figure 47. Safety switch off
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified;
Note:
For this application the function is implemented, but kept disabled using external resistor to
pull EN_N and EN_P to low.
GADG0512161145PS
Starter
Control
Battery
L9788
ECM
Remote Location
SW_BAT
Switched
Battery
EN_N
EN_P
Status
Isolated Circuitry
Watchdog Function
WDA
WDA
Throttle
H-Bridge
Driver IC
EN
Isolated
Disable
oscillator fault
v3v3pre_mon_ov
v3v3pre_mon_uv
v3v3pre_ov
v3v3pre_uv
v3v3ana_ov
v3v3ana_uv
v3v3dig_ov
v3v3dig_uv
gnd_dig_loss
STR3
EN_RLY4
EN_STR2
EN_STR3
STR2
RLY4
Table 52. EN_P and EN_N electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VIH_TX
HIGH_level input voltage
-
1.75
-
-
V
EN_P
VIL_TX
LOW_level input voltage
-
-
-
0.75
V
EN_P
VHYS_TX
Input voltage hysteresis
-
0.06
0.5
-
V
EN_P
PULL_TX
Pull-up resistance
-
50
100
200
kΩ
EN_P
VIH_TX
HIGH_level input voltage
-
1.75
-
-
V
EN_N
VIL_TX
LOW_level input voltage
-
-
-
0.75
V
EN_N
VHYS_TX
Input voltage hysteresis
-
0.06
0.5
-
V
EN_N
PULL_TX
Pull-up resistance
-
50
100
200
kΩ
EN_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com