Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 118 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 114Page - STMicroelectronics L9788 Datasheet HTML 115Page - STMicroelectronics L9788 Datasheet HTML 116Page - STMicroelectronics L9788 Datasheet HTML 117Page - STMicroelectronics L9788 Datasheet HTML 118Page - STMicroelectronics L9788 Datasheet HTML 119Page - STMicroelectronics L9788 Datasheet HTML 120Page - STMicroelectronics L9788 Datasheet HTML 121Page - STMicroelectronics L9788 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 264 page
background image
High/low-side drivers - STARTER STR[1:3]
L9788
118/264
DS12308 Rev 4
8.5
Delay-off function
The Delay-off function involves the RLY4 and STR[2:3] drivers when they are configured as
starters by the bit MSC_CONFIG_REG3[0]=RLY4_DELAY_OFF_EN=1,
CONFIG_REG3[4]=STR2_EN=1, CONFIG_REG3[5]=STR3_EN=1. These drivers follow
the reset matrix as other drivers when they are not configured as starters.
If the drivers are configured as starter and it is in on state its delay-off timer starts when one
of the following events occurs:
under-voltage of the main supply VDD5 is detected,
over-voltage of the main supply VDD5 is detected,
the MSC time out occurs,
an active signal ("0") at pin WDA(IN),
an active signal ("0") at pin RSTN(IN)
During the delay off time THOLD
The driver is ON regardless of whether the ON/OFF command is reset.
The starter configuration is held.
The HSD/LSD configuration bit is held.
The driver is ON even in case of Watchdog ERR_CNT>4 and ERR_CNT>7
The driver is ON even in case of VDDIO_UV.
Once it has started, the delay_off is not restarted by a new triggering event before
THOLD has expired.
The delay-off timer can be terminated by one of the following events:
THOLD time expires.
Driver is switched off by MSC command off.
After DELAY_OFF time the RLY4, STR[2:3] take the status of the on/off data command. If
before the delay off time expires, the above triggering sources are recovered, the delay-off
function remains valid.
-
Thermal
shutdown
analog filter time
Guaranteed by design
1.5
-
4
µs
STR1/2/3
t_SD_deglitch
Digital deglitch
filter time on
Temperature
shut down
detection
Guaranteed by scan
-
10
-
µs
STR1/2/3
-
Fast OFF
diagnostic
ON->OFF->ON
Filter Mode=0
220
245
270
µs
STR1/2/3
-
Fast ON
diagnostic
OFF->ON->OFF
-
65
-
90
µs
STR1/2/3
Table 50. High/low-side driver - STARTER electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com