Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 122 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 118Page - STMicroelectronics L9788 Datasheet HTML 119Page - STMicroelectronics L9788 Datasheet HTML 120Page - STMicroelectronics L9788 Datasheet HTML 121Page - STMicroelectronics L9788 Datasheet HTML 122Page - STMicroelectronics L9788 Datasheet HTML 123Page - STMicroelectronics L9788 Datasheet HTML 124Page - STMicroelectronics L9788 Datasheet HTML 125Page - STMicroelectronics L9788 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 264 page
background image
Pre-drivers - ExtFET (MOS_Gate1/2/3/4/5) - PRD[1:5]
L9788
122/264
DS12308 Rev 4
9
Pre-drivers - ExtFET (MOS_Gate1/2/3/4/5) - PRD[1:5]
Figure 48. LS External MOSFET Pre-Driver Stage
9.1
LS external MOSFET pre-driver
These 5 pre-drivers are designed to drive LS external MOSFET Load. They are driven by
MSC command.
The push-pull stage is made up of limited source current and sink current. The voltage of
MOS_Drain is monitored for diagnosis.
The driver has the following detection diagnosis:
_Drain short to battery @ pre-driver = On state
_Drain short to ground @ pre-driver = Off state
_Drain open load @ pre-driver = Off state
Predriver1 & Predriver3 can be used to drive ExtMos for O2H Load.
For these two predrivers there is the possibility to select a lower gate current and sink
current (typ = 250 µA).
A dedicated MSC bit is used to select the predriver O2H function (Bit O2H_PDRV =
CONFIG_REG_16_1[7:6]). Considering that this sink/source current is very low the logic will
switch to the selected higher sink/source current after the cmd delay time (typ 150 µs for
CONFIG_REG20[7]=PDRV_O2H_DLY=0 or 300 µs
CONFIG_REG20[7]=PDRV_O2H_DLY=1). After the CMD delay time the current used is the
one selected by CONFIG_REG4=PRDx_IDRV[1:0].
When the Predriver is used for O2H load the overcurrent detection can't be done using a
VDS comparator due to slow voltage slew-rate, for this reason an external Rshunt has to be
used.
GADG0512161207PS
GND1
MOS_Source
MOS_Gate
MOS_Drain
VBAT
Load
MSC Command
LS ExtNMOS Pre-Driver
OFF state
Drain short to Gnd, OL
ON state
Drain short to battery
Driver
VB_IN
I_SOURCE
I_SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com