Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 123 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 119Page - STMicroelectronics L9788 Datasheet HTML 120Page - STMicroelectronics L9788 Datasheet HTML 121Page - STMicroelectronics L9788 Datasheet HTML 122Page - STMicroelectronics L9788 Datasheet HTML 123Page - STMicroelectronics L9788 Datasheet HTML 124Page - STMicroelectronics L9788 Datasheet HTML 125Page - STMicroelectronics L9788 Datasheet HTML 126Page - STMicroelectronics L9788 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 264 page
background image
DS12308 Rev 4
123/264
L9788
Pre-drivers - ExtFET (MOS_Gate1/2/3/4/5) - PRD[1:5]
263
When the Predriver is used for O2H load no blanking time is applied to OVC detection.The
OVC dectection is done reading the voltage drop on this external Rshunt by the VDS
comparator of another predriver (not used).
This means that when the Predriver 1 and Predriver 3 are used for O2H load the Predriver 2
and Predriver 4 can't be used.
Bit O2H_PDRV = CONFIG_REG_16_1[7:6]= 00: all 5 predriver channels can be used
Bit O2H_PDRV = CONFIG_REG_16_1[7:6]= 11:
predriver 2 & Predriver 4 can't be used;
predriver 1 & predriver3 work with low gate current and sink current (typ = 250 µA);
it is possible to read the Overcurrent on external Rshunt of Predriver1&3 using the Vds
comparator of Drain2 and Drain4;
Predriver 5 works as in O2H_PDRV = CONFIG_REG_16_1[7:6]= 00.
There is a dedicated ground pin PDR_GND used for source pin of External Mos or ground
connection of External shunt resistor. The internal voltage reference for VDS comparator
threshold (Vth_VDS_xxx parameter) is connected to this ground pin PDR_GND. Application
has to connect this PDR_GND pin to the source of external MOS or ground of external
shunt resistor in order to obtain a good accuracy of overcurrent threshold.
Pre-driver after power up is OFF, output LOW.
Figure 49. PreDriver3 configured for O2H load bit O2H_PDRV_3 =
CONFIG_REG_16_1[7] = 1:
Figure 50. PreDriver1 configured for O2H load bit O2H_PDRV_1 =
CONFIG_REG_16_1[6] = 1:
D3
G3
VDS3comp
VDS4comp
OFF Diag3
NOT USED
D4
Rshunt
GADG0512161223PS
D1
G1
VDS1comp
VDS2comp
OFF Diag1
NOT USED
D2
Rshunt
GADG0512161253PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com