Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 127 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 123Page - STMicroelectronics L9788 Datasheet HTML 124Page - STMicroelectronics L9788 Datasheet HTML 125Page - STMicroelectronics L9788 Datasheet HTML 126Page - STMicroelectronics L9788 Datasheet HTML 127Page - STMicroelectronics L9788 Datasheet HTML 128Page - STMicroelectronics L9788 Datasheet HTML 129Page - STMicroelectronics L9788 Datasheet HTML 130Page - STMicroelectronics L9788 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 264 page
background image
DS12308 Rev 4
127/264
L9788
Pre-drivers - ExtFET (MOS_Gate1/2/3/4/5) - PRD[1:5]
263
I_LS_PU3
Diagnostic pull
up high current
In OFF condition,
MOS_Drainx < VLVT,
Ipupd_EN = ENB,
Ipupd_MODE =”0” and
IDIAG_HIGH_PDRV =”1”
100
-
200
µA
MOS_Drai
n1/2/3/4/5
I_LS_PD1
Diagnostic pull
down current
In OFF condition,
MOS_DRAINx
> VOUTOPEN,
Ipupd_EN = ENB and
IDIAG_HIGH_PDRV =”0”
60
85
105
µA
MOS_Drai
n1/2/3/4/5
I_LS_PD2
Diagnostic pull
down high
current
In OFF condition,
OUT MOS_Drainx
> VOUTOPEN,
Ipupd_EN = ENB
IDIAG_HIGH_PDRV = ”1”
350
-
550
µA
MOS_Drai
n1/2/3/4/5
I_leakage
MOS_DRAIN
leakage current
Output disable diagnostic
OFF condition,
-10
10
µA
MOS_Drai
n1/2/3/4/5
Tflt_diagoff1 DIAG Filter time
Filter Mode=0
75
100
125
µs
MOS_Drai
n1/2/3/4/5
Tflt_diagoff2 DIAG Filter time
Filter Mode=1
450
600
750
µs
MOS_Drai
n1/2/3/4/5
Tblank_00
Blanking time on
ON diag
PRD1_BLK[0:1]=00
5.1
6
6.7
µs
MOS_Drai
n1/2/3/4/5
Tblank_01
Blanking time on
ON diag
PRD1_BLK[0:1]=01
11.1
12
13.5
µs
MOS_Drai
n1/2/3/4/5
Tblank_10
Blanking time on
ON diag
PRD1_BLK[0:1]=10
17.1
18
20
µs
MOS_Drai
n1/2/3/4/5
Tblank_11
Blanking time on
ON diag
PRD1_BLK[0:1]=11
23.1
24
26.7
µs
MOS_Drai
n1/2/3/4/5
cmd_dly_0
Command delay
for
MSC_CONFIG_
REG20[7]=PDR
V_O2H_DLY=1
Tested by scan
140
150
160
µs
MOS_Drai
n1/2/3/4/5
cmd_dly_1
Command delay
for
MSC_CONFIG_
REG20[7]=PDR
V_O2H_DLY=1
Tested by scan
280
300
320
µs
MOS_Drai
n1/2/3/4/5
Table 54. Pre-driver - ExtFET electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com