Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 125 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 121Page - STMicroelectronics L9788 Datasheet HTML 122Page - STMicroelectronics L9788 Datasheet HTML 123Page - STMicroelectronics L9788 Datasheet HTML 124Page - STMicroelectronics L9788 Datasheet HTML 125Page - STMicroelectronics L9788 Datasheet HTML 126Page - STMicroelectronics L9788 Datasheet HTML 127Page - STMicroelectronics L9788 Datasheet HTML 128Page - STMicroelectronics L9788 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 264 page
background image
DS12308 Rev 4
125/264
L9788
Pre-drivers - ExtFET (MOS_Gate1/2/3/4/5) - PRD[1:5]
263
9.5
OFF state diagnostic
The Predriver follows the same off diagnosis as low-side driver. But despite the fast mode of
all drivers in off diagnostic condition (Ipupd_MODE bit), for all pre_Driver, there is a
dedicated MSC bit (IDIAG_HIGH_PDRV) to select off diagnostic high or low pull up/down
current
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified;
Open load (OPL)
Driver off
The fault is latched in
MSC diagnosis register.
On read
Driver Status Error (STA)
Driver on/off When
the driver output
level is not aligned
with the cmd on/off
The fault is latched in
MSC diagnosis register.
On read
Table 53. Pre-driver - ExtFET error handling (continued)
Type of error
Detection
condition
Action
Clear
MSC flag
Restart condition
Table 54. Pre-driver - ExtFET electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Pre-driver
Vgate_on
On state MOS_
Gate voltage
I_source_00
5
-
6
V
MOS_Gate
1/2/3/4/5
Vgate_off
Off state
MOS_Gate
voltage
I_sink_00
0
-
0.1
V
MOS_Gate
1/2/3/4/5
Ileak_off
Leakage current
of MOS_Gate @
driver in tri-state
--1
-
1
µA
MOS_Gate
1/2/3/4/5
I_source_00
Pre-driver source
current 1
MOS_Gate1/2/3/4/5 short to
gnd
14
20
26
mA
MOS_Gate
1/2/3/4/5
I_source_01
Pre-driver source
current 2
MOS_Gate1/2/3/4/5 short to
gnd
710
13
mA
MOS_Gate
1/2/3/4/5
I_source_10
Pre-driver source
current 3
MOS_Gate1/2/3/4/5 short to
gnd
2.8
4
5.2
mA
MOS_Gate
1/2/3/4/5
I_source_11
Pre-driver source
current 4
MOS_Gate1/2/3/4/5 short to
gnd
1.3
2
2.6
mA
MOS_Gate
1/2/3/4/5
I_source_O2
H
Pre-driver source
current 5
MOS_Gate1/3/ short to gnd
0.175
0.25
0.325
mA
MOS_Gate
1/3
I_sink_00
Pre-driver sink
current 1
MOS_Gate1/2/3/4/5 short to
5V
-26
-20
-14
mA
MOS_Gate
1/2/3/4/5
I_sink_01
Pre-driver sink
current 2
MOS_Gate1/2/3/4/5 short to
5V
-13
-10
-7
mA
MOS_Gate
1/2/3/4/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com