Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 128 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 124Page - STMicroelectronics L9788 Datasheet HTML 125Page - STMicroelectronics L9788 Datasheet HTML 126Page - STMicroelectronics L9788 Datasheet HTML 127Page - STMicroelectronics L9788 Datasheet HTML 128Page - STMicroelectronics L9788 Datasheet HTML 129Page - STMicroelectronics L9788 Datasheet HTML 130Page - STMicroelectronics L9788 Datasheet HTML 131Page - STMicroelectronics L9788 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 264 page
background image
Pre-drivers - IGNITER IGN[1:6]
L9788
128/264
DS12308 Rev 4
10
Pre-drivers - IGNITER IGN[1:6]
These 6 Ignition pre-drivers are designed to drive ignition load. They are driven by MSC
command. The push-pull stage is made up of a high-side current generator and a low-side
driver.
When an overcurrent fault is detected the driver switches off with higher slew rate (FAST
SR) to reduce the power dissipation.
There is a bit selection for disabling the LSD in case of external IGBT. It is suggested to
configure the MSC bit (IGN_LSD_DIS CONFIG_REG6 D7) disabling the LSD of igniter
before the msc_driver_enable command.
Figure 51. Ignition pre-drivers block schematic
10.1
Ignition pre_drivers diagnosis
The driver has the following detection diagnosis:
Short To Vbat protection by checking the IGNx pin voltage higher than Vth_STB_IGN,
when the driver is enabled high (high-side on) or low (low-side on);
Open Load when the driver is enabled high (high-side on) (DIAGOL);
Short to Ground when the driver is enabled high (high-side on) (DIAGLV).
GADG0512161455PS
GND1
IGNx
IGN Pre-Driver
OFF state
STB detection
ON state
STB, STG, OL detection
5V
MSC Command
Driver
MSC LS_dis Command
HS current generator
LOAD
VBAT
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com