Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 132 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 128Page - STMicroelectronics L9788 Datasheet HTML 129Page - STMicroelectronics L9788 Datasheet HTML 130Page - STMicroelectronics L9788 Datasheet HTML 131Page - STMicroelectronics L9788 Datasheet HTML 132Page - STMicroelectronics L9788 Datasheet HTML 133Page - STMicroelectronics L9788 Datasheet HTML 134Page - STMicroelectronics L9788 Datasheet HTML 135Page - STMicroelectronics L9788 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 264 page
background image
Pre-drivers - IGNITER IGN[1:6]
L9788
132/264
DS12308 Rev 4
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified;
Table 56. Pre-driver - IGNITER electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
High-side current generator parameters
IOH1_HS_IGN
High-side output
current 1
VIGNX = 4 V
VDD5 = 5 V
MSC Bit
IGN_CURRENT
CFG = 1,
OL_RED = 0
4.7
-
15.3
mA
IGN1/2/3/4/5/6
IOH1_HS_IGN_OL_RED
High-side output
current 1
VIGNX = 4 V
VDD5 = 5 V
MSC Bit
IGN_CURRENT
CFG = 1,
OL_RED = 1
2
-
15
mA
IGN1/2/3/4/5/6
IOH2_HS_IGN
High-side output
current 2
VIGNX = 4 V
VDD5 = 5 V
MSC Bit
IGN_CURRENT
CFG = 0 (Default
Value)
14.7
-
30.3
mA
IGN1/2/3/4/5/6
VOH1_HS_IGN
Output voltage 1
@ high-side on
Isource = 5 mA
MSC Bit
IGN_CURRENT
CONFIG = 1,
OL_RED = 0
VDD5
-0.4
-
VDD5
V
IGN1/2/3/4/5/6
VOH1_HS_IGN_OL_RED
Output voltage 1
@ high-side on
Isource = 2 mA
MSC Bit
IGN_CURRENT
CONFIG = 1,
OL_RED = 1
VDD5
-0.4
-
VDD5
V
IGN1/2/3/4/5/6
VOH2_HS_IGN
Output voltage 2
@ high-side on
Isource = 15mA
MSC Bit
IGN_CURRENT
CONFIG = 0
(Default Value)
VDD5
-0.6
-
VDD5
V
IGN1/2/3/4/5/6
IOFF_LK_IGN
High-side leakage
current @ off
condition
IGNx = 2.5 V in off
-
-
10
µA
IGN1/2/3/4/5/6
Low-side MOSFET parameters
RDS-on_LS_IGN
Drain–source
resistance
I_load = 0.1A
@ T = -40 °C
1.8
2.2
3.1
Ω
IGN1/2/3/4/5/6
RDS-on_LS_IGN
Drain–source
resistance
I_load = 0.1 A
@ T = 27 °C
2.4
3.0
3.91
Ω
IGN1/2/3/4/5/6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com