Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 133 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 129Page - STMicroelectronics L9788 Datasheet HTML 130Page - STMicroelectronics L9788 Datasheet HTML 131Page - STMicroelectronics L9788 Datasheet HTML 132Page - STMicroelectronics L9788 Datasheet HTML 133Page - STMicroelectronics L9788 Datasheet HTML 134Page - STMicroelectronics L9788 Datasheet HTML 135Page - STMicroelectronics L9788 Datasheet HTML 136Page - STMicroelectronics L9788 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 264 page
background image
DS12308 Rev 4
133/264
L9788
Pre-drivers - IGNITER IGN[1:6]
263
RDS-on_LS_IGN
Drain–source
resistance
I_load = 0.1 A
@ T = 150 °C
3.8
5.0
7.0
Ω
IGN1/2/3/4/5/6
VOL_LS_IGN
Output voltage @
LS low-side on
IOL = 20 μA
sinked
-
-
0.1
V
IGN1/2/3/4/5/6
VOL_LS_IGN
Output voltage @
LS low-side on
IOL= 100 mA
sinked
-
-
0.7
V
IGN1/2/3/4/5/6
Irev_LS_IGN
Body diode
reverse current
voltage drop
I_load = 0.3 mA
sourced
-
-
1
V
IGN1/2/3/4/5/6
General IGN block parameters
TDON_IGN
Turn-on delay time
CLOAD =10 nF
Isource = 10 mA
-
-
10
µs
IGN1/2/3/4/5/6
TDOFF_IGN
Turn-off delay time CLOAD = 10 nF
-
-
10
µs
IGN1/2/3/4/5/6
TR_IGN
Output rise time
CLOAD = 10 nF
Isource = 10 mA
-
-
9
µs
IGN1/2/3/4/5/6
TF_IGN
Output fall time
CLOAD = 10 nF
0.05
-
2
µs
IGN1/2/3/4/5/6
IOUT_LK_IGN
Output leakage
current
Vpin = 13.5 V
-
-
10
µA
IGN1/2/3/4/5/6
Vth_STB_IGN
Short circuit to
VBAT voltage
threshold
IGNx = VBAT
5.3
-
6.5
V
IGN1/2/3/4/5/6
Vth_STG_IGN
Short circuit to
GND threshold
-
2.1
-
2.7
V
IGN1/2/3/4/5/6
Ileak_STG_IGN
Leakage current
@ short circuit to
GND, IGN in tri-
state
IGNx = GND
-
-
10
µA
IGN1/2/3/4/5/6
Ileak_STB_IGN
Leakage current
@ short circuit to
VBAT,IGN in tri-
state
IGNx = VBAT
-
-
1
mA
IGN1/2/3/4/5/6
Ileak_STB_IGN
Leakage current
@ short circuit to
VBAT
GND = VB_IN =
0V IGNx = 18 V
-
-
10
µA
IGN1/2/3/4/5/6
TFLT_SCGOL IGN
Open load and
short circuit to
GND filter time
-
72
-
90
µs
IGN1/2/3/4/5/6
Table 56. Pre-driver - IGNITER electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com