Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 137 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 133Page - STMicroelectronics L9788 Datasheet HTML 134Page - STMicroelectronics L9788 Datasheet HTML 135Page - STMicroelectronics L9788 Datasheet HTML 136Page - STMicroelectronics L9788 Datasheet HTML 137Page - STMicroelectronics L9788 Datasheet HTML 138Page - STMicroelectronics L9788 Datasheet HTML 139Page - STMicroelectronics L9788 Datasheet HTML 140Page - STMicroelectronics L9788 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 264 page
background image
DS12308 Rev 4
137/264
L9788
Inductive sensor interface
263
Figure 57. Hysteresis application
The output of the zero crossing comparator can be further processed by a filtering circuit or
directly routed to FLW_OUT.
11.2.1
VRS normal mode configurations
L9788 integrates two main configurable architectures: VRS_A and VRS_B. These
architectures are selected in VRS register, VRS_MODE_SEL bit in CONFIG_REG 2.
Once VRS_A (VRS_MODE_SEL =1) or VRS_B (VRS_MODE_SEL =0) has been
configured, hysteresis and filtering strategy are defined through VRS_MODE[1:0] bit in the
same CONFIG_REG 8 register:
VRS_MODE[1] defines filtering function (OFF/ON and if ON, its time value)
VRS_MODE[0] defines the hysteresis (manual or adaptive)
Table 57 summarizes the parameters of VRS_A and VRS_B architecture; the next
paragraphs detail the two configurations.
In case a change of VRS_MODE_SEL bit within the normal operating mode occurs (1->0 or
0->1) with hysteresis current active, this leads to the change of the hysteresis (to HI1 or HI3,
GADG0612160927PS
Table 57. VRS_A, VRS_B hysteresis and filter time definition
VRS_MODE
_SEL
VRS
_MODE[1:0]
Filter
Hyst.
VRS_A configuration
1
00
OFF
0 µs
Manual
Ref to VRS_A - Manual Hysteresis
1
01
OFF
0 µs
Full adaptive
Ref. to VRS_A - Fully Adaptive Hysteresis
1
10
ON
T(n-1)/32
Manual
Ref to VRS_A - Manual Hysteresis
1
11
ON
T(n-1)/32
Full adaptive
Ref. to VRS_A - Fully Adaptive Hysteresis
VRS_B configuration
0
00
OFF
0 µs
Manual
Ref. to VRS_B - Manual Hysteresis
0
01
OFF
0 µs
Limited adaptive
Ref. to VRS_B -Limited Adaptive Hysteresis
0
10
ON
4 µs
Manual
Ref. to VRS_B - Manual Hysteresis
0
11
ON
4 µs
Limited adaptive
Ref. to VRS_B -Limited Adaptive Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com