Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 140 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 136Page - STMicroelectronics L9788 Datasheet HTML 137Page - STMicroelectronics L9788 Datasheet HTML 138Page - STMicroelectronics L9788 Datasheet HTML 139Page - STMicroelectronics L9788 Datasheet HTML 140Page - STMicroelectronics L9788 Datasheet HTML 141Page - STMicroelectronics L9788 Datasheet HTML 142Page - STMicroelectronics L9788 Datasheet HTML 143Page - STMicroelectronics L9788 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 264 page
background image
Inductive sensor interface
L9788
140/264
DS12308 Rev 4
Figure 58. VRS_A fully adaptive hysteresis
11.2.4
VRS_A - Adaptive filter time
In VRS_A mode, it is possible to enable the filter time on the output of the zero crossing
comparator through the bit VRS_MODE[1] of CONFIG-REG 8.
Once enabled, the most suitable internal filter based on the input signal frequency is
determined.
According to VRS previous output period, filter time value is updated as follows:
If the value of the previous period is lower than 128 µs, the filter time would be saturated at
4 µs fixed value. After reset Tfilter = 200 µs (TYP)
Through EN_FALLING_FILT CONFIG-REG8 bit in VRS register, it is possible to configure
two different strategies for the filtering algorithm.
VRS_OUT rising edge: the transition depends on the hysteresis crossing of differential
signal Vdiff; VRS output is set if Vdiff remains asserted and stable for a period longer than
Tfilter.
VRS OUT falling edge: the transition depends on the zero crossing of differential signal
Vdiff:
EN_FALLING_FILT = 1: VRS_OUT is deasserted when the signal is low and remains
stable for at least Tfilter; see Figure 59
EN_FALLING_FILT = 0: VRS_OUT is de-asserted at first zero crossing transition of
differential signal and next eventual commutations are ignored for Tfilter time. see
Figure 60.
GADG0612161130PS
FLW_IN_P
FLW_IN_N
Peak Detector
Hysteresis
Square circuit
int_vrs
VRS_HYST_FB
Filter Time
VRS_CONF_MODE_1
FLW_OUT
VRS_FB
ADC
PV
DV
Hi
PVi
Selection
Table
H5
Hi
H4
H3
H2
H1
0
(n)
Tfilter
Tperiod (n-1)
32
=
GADG0612161215PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com