Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 143 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 139Page - STMicroelectronics L9788 Datasheet HTML 140Page - STMicroelectronics L9788 Datasheet HTML 141Page - STMicroelectronics L9788 Datasheet HTML 142Page - STMicroelectronics L9788 Datasheet HTML 143Page - STMicroelectronics L9788 Datasheet HTML 144Page - STMicroelectronics L9788 Datasheet HTML 145Page - STMicroelectronics L9788 Datasheet HTML 146Page - STMicroelectronics L9788 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 264 page
background image
DS12308 Rev 4
143/264
L9788
Inductive sensor interface
263
The interface handles signals coming from magnetic pick-up sensors, see Figure 63, or Hall
Effect sensors with two possible configurations, as per Figure 64 and Figure 65.
The interface feeds the digital signal to microcontroller that extracts flying wheel rotational
position, angular speed and acceleration.
Figure 63. Variable reluctance sensor (VRS)
Table 61. VRS sensor parameters
Symbol
Parameter
Min
Typ
Max
Unit
Rs
Sensor resistance
300
600
1000
Ω
Ls
Sensor inductor
-
250
-
mH
Vdiff
Sensor output voltage
-200
-
+200
V
Tout
Output period
100
-
5000
µs
FLW_IN_P
FLW_IN_N
To μC
470 pF
10 k
470 pF
10 k
Ls
Rs
VRS
VRS +
VRS -
Sensor
FLW_OUT
ECU
SMART
VRS
L9788
GADG0912161108PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com