Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 147 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 143Page - STMicroelectronics L9788 Datasheet HTML 144Page - STMicroelectronics L9788 Datasheet HTML 145Page - STMicroelectronics L9788 Datasheet HTML 146Page - STMicroelectronics L9788 Datasheet HTML 147Page - STMicroelectronics L9788 Datasheet HTML 148Page - STMicroelectronics L9788 Datasheet HTML 149Page - STMicroelectronics L9788 Datasheet HTML 150Page - STMicroelectronics L9788 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 264 page
background image
DS12308 Rev 4
147/264
L9788
CAN FD interface
263
If VDD_CAN is above VDD_CAN_SUP_OV for a tcansuphigh filter time an overvoltage fault
on VDD_CAN is detected. The fault is latched in a dedicated MSC flag VDD_CAN_OV until
an MSC Upstream Read14 is given during the MSC flag VDD_CAN_OV stays set the CAN
transmitter is disabled
During a VDD_CAN overvoltage or undervoltage detected fault the biasing voltage is
switched from VDD_CAN to a pre-regulated internal voltage (2.5V) supplied by VB_STBY.
When the fault ends the biasing voltage switches again on VDD_CAN. The msc flag
VDD_CAN_OV or CAN_SUP_LOW remains latched until an MSC Upstream Read14 is
given.
The biasing voltage is switched from VDD_CAN to a pre-regulated internal voltage (2.5V)
supplied by VB_STBY also in CAN_BIAS_ON and CAN_BIAS_OFF.
VB_CAN is the signal that enables CAN cell; if this pin is connected to VB_STBY the CAN is
enabled while if it's connected to GND the CAN is disabled
12.1
Functional description
General requirements:
Compliant with C&S CAN FD certification(ISO16845-2:2015);
Communication Speed up to 2 Mbit/s. (up to 5Mbit/s in "programming" mode);
Function range from -27 V to +40 V DC at CAN Pins;
GND disconnection fail safe at module level;
GND shift operation at system level;
Microcontroller interface with CMOS compatible I/O Pins;
Matched output slopes and propagation delay;
Receive-only mode available.
In order to further reduce the current consumption in low-power mode, the integrated CAN
bus interface offers an ultra low current consumption state when the u-chip is off called
Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com