Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 149 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 145Page - STMicroelectronics L9788 Datasheet HTML 146Page - STMicroelectronics L9788 Datasheet HTML 147Page - STMicroelectronics L9788 Datasheet HTML 148Page - STMicroelectronics L9788 Datasheet HTML 149Page - STMicroelectronics L9788 Datasheet HTML 150Page - STMicroelectronics L9788 Datasheet HTML 151Page - STMicroelectronics L9788 Datasheet HTML 152Page - STMicroelectronics L9788 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 264 page
background image
DS12308 Rev 4
149/264
L9788
CAN FD interface
263
12.3
CAN normal mode
If CAN_EN bit MSC_CONFIG-REG17-1[2] is set and the U-chip is in ON state the CAN
transceiver is in normal mode (referring to state diagram, CAN_RX or CAN_TRX state). In
this state the transmitter and receiver can be configured by MSC (CAN_TX_EN,
CAN_RX_EN) as follows:
TRX Standby: transmitter disabled and CAN_RX pin masked to 1(CAN_TX_EN = '0',
CAN_RX_EN = '0');
TRX Listen: transmitter disabled, receiver enabled (CAN_TX_EN = '0', CAN_RX_EN =
'1');
TRX transmit: transmitter enabled CAN_RX pin masked to 1 (CAN_TX_EN = '1',
CAN_RX_EN = '0');
TRX Normal (default): transmitter enabled receiver enabled (CAN_TX_EN = '1',
CAN_RX_EN = '1')
In normal mode the CAN biasing is always active
Wake up by CAN disabled option is allowed only for the application that does not require the
transceiver (CANH/L not connected to any bus).
12.4
CAN low-power mode
When L9788 is ON it is possible to deactivate the CAN transceiver setting the MSC bit
CAN_EN (MSC_CONFIG-REG17_1[2]) to zero, sending the CAN in Low-power Mode. The
CAN transceiver remains deactivated until it will be activated again setting the CAN_EN bit.
When L9788 is OFF the CAN transceiver is always in Low-power Mode independently from
any other configuration bit except CAN_WAKEUP_EN, which if set to zero, sends it to Sleep
mode once the transceiver goes to CAN_STBY_OFF state. In Low-power mode the biasing
can be active or inactive depending on CAN_AUTO_BIAS bit value and from the CAN bus
activity (see state diagram), furthermore the transmitter is always disabled and the CAN_RX
pin is always masked to recessive. When biasing is disabled the receiver input termination
will be biased at zero volt.
12.5
CAN Sleep Mode
When the CAN transceiver goes in CAN_STBY_OFF with CAN_WAKEUP_EN = '0' it falls in
an ultra low current consumption state called Sleep mode. In this state for the L9788 is
impossible to detect Wake-up activity on CAN bus and consequently no power-up is done
for a CAN detection (pattern or no pattern).
12.6
CAN error handling
CAN Driver HS and LS are supplied by a dedicated pin (VDD_CAN) to avoid disturbances
of CAN activity on main supply lines. After internal power on reset of VB_STBY the CAN
transceiver is configured according to the configuration register bit default values. When the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com