Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 152 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 148Page - STMicroelectronics L9788 Datasheet HTML 149Page - STMicroelectronics L9788 Datasheet HTML 150Page - STMicroelectronics L9788 Datasheet HTML 151Page - STMicroelectronics L9788 Datasheet HTML 152Page - STMicroelectronics L9788 Datasheet HTML 153Page - STMicroelectronics L9788 Datasheet HTML 154Page - STMicroelectronics L9788 Datasheet HTML 155Page - STMicroelectronics L9788 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 264 page
background image
CAN FD interface
L9788
152/264
DS12308 Rev 4
12.8.3
No pattern wake up
If the CAN pattern wake up option is disabled (CAN_PATTERN_EN = '0') and the wake up
enable bit is set (CAN_WAKEUP_EN = '1') and the transceiver is in Low-power mode, a
dominant state on CAN BUS for more than tfilter will cause a Wake-up detection.
Figure 68. CAN wake up options
12.9
Automatic voltage biasing
If the CAN transceiver is in Low-power mode (CAN_EN = 0 or U-CHIP OFF) and the
automatic voltage biasing is active (CAN_AUTO_BIAS = '1', MSC_CONFIG-REG21[7) if
there has been no activity on the bus for longer than tSILENCE, the bus lines are biased
towards 0 V via the receiver input resistors RCANH/RCANL (biasing disabled) and the MSC
flag CAN_SILENT is set to 1. If the wake up option is enabled (CAN_WAKEUP_EN = '1')
and a wake-up activity on the bus lines is detected (wake-up pattern or no pattern), the bus
lines are biased to VCANHrec respectively VCANLrec via the internal receiver input
resistors RCANH/RCANL also the MSC bit WAKE_UP_CAN_DET_AUTO is latched (MSC
UPSTREAM READ 12, Frame3). The biasing is activated not later than tBias.
12.10
CAN reset matrix
In the reset matrix table there is a row dedicated to CAN.
Reset matrix *12 source means that at least one of the following faults is active:
VDD5_OV;
OSC FAULT;
TNL;
RST_N.
GADG0912161440PS
Normal Pattern wake-up
No Pattern wake-up
CANH-CANL
U-CHIP STATE
CANH-CANL
U-CHIP STATE
ON
ON
OFF
ON
ON
OFF
>tfilter
>tfilter
>twake
tfilter
tfilter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com