Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 154 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 150Page - STMicroelectronics L9788 Datasheet HTML 151Page - STMicroelectronics L9788 Datasheet HTML 152Page - STMicroelectronics L9788 Datasheet HTML 153Page - STMicroelectronics L9788 Datasheet HTML 154Page - STMicroelectronics L9788 Datasheet HTML 155Page - STMicroelectronics L9788 Datasheet HTML 156Page - STMicroelectronics L9788 Datasheet HTML 157Page - STMicroelectronics L9788 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 264 page
background image
CAN FD interface
L9788
154/264
DS12308 Rev 4
Figure 70. CAN transceiver test circuit
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, 4.5 V ≤ VDD_CAN ≤ 5.5 V, 5 V ≤ VB_STBY ≤ 18 V, Tj -40 to 175 °C
unless otherwise specified;
CANTX
CANRX
CANH
CA
GND
NL
CAN-FD
TRANSCEIVER
CRX
VCANH
VCANL
C1
C2
VDIFF
GADG2605171108PS
Table 63. CAN threshold related Low supply voltage flag
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Pin
VDD_CAN_SUP_LOW
Threshold to detect CAN
Supply low
VDD_CAN decreasing
4.5
4.65
4.8
V
-
VB_CAN_TH(1)
Threshold for CAN cell
enable
Not tested For
information only
0.8
-
2.2
V
-
VDD_CAN_SUP_OV
Threshold to detect CAN
Supply over-voltage
VDD_CAN increasing
6.1
6.85
7.5
V
-
1. Below this threshold all CAN functions are disabled. In case CAN functionality is requested by application VB_CAN has to
be shorted to VB_stby, otherwise it should be put to GND to disable CAN block.
Table 64. CAN communication operating range
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VDD_CAN
Supply Voltage operating
range for CAN
transceiver
-
4.5
-
5.5
V
-
VCANHL,CM
Common mode Bus
voltage
(VCANH + VCANL) / 2
Measured with respect to the
ground of the CAN
transceiver
-12
-
12
V
-
ITRCV_REC(1)
Transceiver current
consumption during
normal mode from
VDD_CAN, Recessive
State
VTXDC = VTXDCHIGH
--
10
mA
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com